Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8045
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 14Page - Analog Devices LTM8045 Datasheet HTML 15Page - Analog Devices LTM8045 Datasheet HTML 16Page - Analog Devices LTM8045 Datasheet HTML 17Page - Analog Devices LTM8045 Datasheet HTML 18Page - Analog Devices LTM8045 Datasheet HTML 19Page - Analog Devices LTM8045 Datasheet HTML 20Page - Analog Devices LTM8045 Datasheet HTML 21Page - Analog Devices LTM8045 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTM4693
22
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
09/21
www.analog.com
PACKAGE PHOTO
RELATED PARTS
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
DESIGN RESOURCES
PART NUMBER
DESCRIPTION
COMMENTS
LTM8083
36VIN, 36VOUT, 1.5A Buck-Boost µModule Regulator
3V ≤ VIN ≤ 36V, 1V ≤ VOUT ≤ 36V, 6.25mm × 6.25mm × 2.22mm BGA
LTM8054
36VIN, 36VOUT, 5.4A Buck-Boost µModule Regulator
5V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 36V, 11.25mm × 15mm × 3.42mm BGA
LTM8055
36VIN, 36VOUT, 8.5A Buck-Boost µModule Regulator
5V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 36V, 15mm × 15mm × 4.92mm BGA
LTM8056
58VIN, 48VOUT, 5.5A Buck-Boost µModule Regulator
5V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V, 15mm × 15mm × 4.92mm BGA
LTM8045
Single, Inverting or SEPIC µModule DC/DC Convertor
2.8V ≤ VIN ≤ 18V. ±2.5V ≤ VOUT ≤ ±15V, 6.25mm × 11.25mm × 4.92mm BGA
LTM8049
Dual Outputs, SEPIC and/or Inverting µModule Regulator
2.6V ≤ VIN ≤ 20V. ±2.5V ≤ VOUT ≤ ±25V, 9mm × 15mm × 2.42mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com