Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX38904DEVK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX38904DEVK
Description  Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38904DEVK Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX38904DEVK Datasheet HTML 1Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 2Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 3Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 4Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 5Page - Maxim Integrated Products MAX38904DEVK Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX38904D
MAX38904D WLP Evaluation Kit
General Description
The MAX38904D WLP evaluation kit (EV kit) evaluates
the MAX38904D in a WLP package. The MAX38904D is
a low noise linear regulator. The EV kit operates over an
input range of 1.7V to 5.5V and provides a factory preset
output voltage of 1.5V. The EV kit can deliver up to 2A of
current.
Features
● Evaluates the MAX38904D IC in a 5 x 3 bump,
2.2mm x 1.37mm WLP, 0.4mm pitch
● 1.7V to 5.5V Input Range
● Factory Preset Output Voltage
(Default Output Set to 1.5V)
● Up to 2A Output Current
● Proven 2-Layer 1-oz Copper PCB Layout
● Demonstrates Compact Solution Size
● Fully Assembled and Tested
319-100410; Rev 0; 8/19
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX38904D WLP EV kit
● 5.5V, 5A DC power supply
● Electronic load capable of 2A
● Digital voltmeter (DVM)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn
on power supply until all connections are completed.
1) Verify that jumper JU1 is shunted on pins 1 and 2 (EV
kit enabled).
2) Connect the 5.5V power supply between the IN and
nearest GND terminal posts.
3) Connect the 2A electronic load between the OUT and
nearest GND terminal posts.
4) Connect the DVM between the OUT and nearest
GND terminal posts.
5) Turn on the power supply.
6) Verify that the voltage at the OUT terminal post is
approximately 1.5V.
7) Decrease the power supply to 1.8V (To minimize
power dissipation at full load).
8) Enable the electronic load.
9) Verify that the voltage at the OUT terminal post is
1.5V within the device accuracy specifications.
FILE
DECRIPTION
MAX38904D WLP EV Kit BOM
EV Kit Bill of
Material
MAX38904D WLP EV Kit PCB Layout
EV Kit Layout
MAX38904D WLP EV Kit Schematic
EV Kit Schematic
MAX38904D WLP EV Kit Files
Click
here for production status of specific part numbers.


Similar Part No. - MAX38904DEVK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38904A MAXIM-MAX38904A Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK#TDFN MAXIM-MAX38904AEVK#TDFN Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904B MAXIM-MAX38904B Datasheet
414Kb / 6P
MAX38904B TDFN Evaluation Kit
Rev 0; 2/19
MAX38904B MAXIM-MAX38904B Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
More results

Similar Description - MAX38904DEVK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX38643AEVK MAXIM-MAX38643AEVK Datasheet
459Kb / 6P
Evaluates the MAX38643A in a 6-pin WLP
Rev 1; 7/19
MAX38642A MAXIM-MAX38642A Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38642AEVK MAXIM-MAX38642AEVK Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38913AEVK MAXIM-MAX38913AEVK Datasheet
304Kb / 8P
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904CEVK MAXIM-MAX38904CEVK Datasheet
441Kb / 6P
Evaluates the MAX38904C IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38640AEVKWLP MAXIM-MAX38640AEVKWLP Datasheet
442Kb / 6P
Evaluates: MAX38640 A in WLP
2019
MAX17227JEVK MAXIM-MAX17227JEVK Datasheet
1Mb / 6P
Evaluates the MAX17227J in a 6-pin WLP
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com