Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7152AM-02 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS7152AM-02
Description  Spread Spectrum Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152AM-02 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS7152AM-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 9Page - Integrated Circuit Systems ICS7152AM-02 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Spread Spectrum Clock Generator
MDS 7152A A
6
Revision 102005
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS7152A
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
° C
Note 1: Contact ICS Applications for more information.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Oscillation Frequency
fX
XIN, XOUT,
Fundamental
oscillation
16.6
40
MHz
XIN, XOUT, 3rd over
tone, note 1
40
48
MHz
Input Frequency
fIN
XIN, ICS7152A-11
16.6
67
MHz
XIN, ICS7152A-02
40
134
MHz
Output Frequency
fOUT
CKOUT, ICS7152A-11
16.6
67
MHz
CKOUT, ICS7152A-02
40
134
MHz
Input Clock Duty Cycle
tDCI
XIN, 16.6 to 100 MHz
40
50
60
%
XIN, 100 to 134 MHz
45
50
55
%
Output Clock Duty Cycle
tDCC
CKOUT, 1.5 V
40
60
%
Output Slew Rate
CKOUT, 0.4 to 2.4 V,
load capacitance 15 pF
0.5
TBD
3.0
V/ns
Cycle to Cycle Jitter
tJC
No load, standard
deviation
TBD
100
ps
Lock Time
tLK
CKOUT
2
5
ms
Modulation Frequency
fMOD
CKOUT=TBD
33
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com