Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS16857 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS16857
Description  DDR 14-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16857 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS16857 Datasheet HTML 1Page - Integrated Circuit Systems ICS16857 Datasheet HTML 2Page - Integrated Circuit Systems ICS16857 Datasheet HTML 3Page - Integrated Circuit Systems ICS16857 Datasheet HTML 4Page - Integrated Circuit Systems ICS16857 Datasheet HTML 5Page - Integrated Circuit Systems ICS16857 Datasheet HTML 6Page - Integrated Circuit Systems ICS16857 Datasheet HTML 7Page - Integrated Circuit Systems ICS16857 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICSSSTV16857
Third party brands and names are the property of their respective owners.
Electrical Characteristics - DC
TA = 0 - 70º C; VDD = 2.5 V +/-200mV, VDDQ=2.5V 200mV; (unless otherwise stated)
SYMBOL
PARAMETERS
CONDITIONS
VDD
MIN
TYP
MAX
UNITS
VIK
II = -18mA
2.3V
-1.2
IOH = -100µA
2.3V-2.7
VDD -0.2
2.5
VOH
IOH= -16mA
2.3V
1.95
2
IOL = 100µA
2.3-2.7V
0
0.2
V
VOL
IOL = 16mA
2.3V
0.16
0.35
II
All Inputs
VI = VDD or GND
2.7V
±5
µA
Standby (Static)
RESET# = GND
0.01
µA
IDD
VI = VIH (AC#) or VIL (AC),
Operating (Static)
RESET# = VDD
TBD
mA
RESET = VDD, VI = VIH(AC)
Dynamic operating
or VIL (AC), CK and CK#
clock only
switching 50% duty cycle.
TBD
µA/clock MHz
RESET# = VDD, VI = VIH(AC)
IO = 0
2.7V
IDDD
or VIL (AC), CK and CK#
TBD
µA/ clock
Dynamic Operating
switching 50% duty cycle.
MHz/data
per each data input
One data input switching at
half clock frequency, 50%
duty cycle
rOH
Output High
IOH = -20mA
2.3-2.7V
7
15
20
Ω
rOL
Output Low
IOL = 20mA
2.3-2.7V
7
10
20
Ω
[rOH - rOL] each
rO(∆)
separate bit
IO = 20mA, TA = 25° C
2.5V
4
Ω
Data Inputs
VI = VREF ±310mV
2.5
3.5
Ci
CK and CK#
VICR = 1.25V, VI(PP) = 360mV
2.5V
2.5
3.5
pF
Notes:
1 - Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com