Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS7152AM-11LF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS7152AM-11LF
Description  Spread Spectrum Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152AM-11LF Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS7152AM-11LF Datasheet HTML 2Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 3Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 4Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 5Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 6Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 7Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 8Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 9Page - Integrated Circuit Systems ICS7152AM-11LF Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Spread Spectrum Clock Generator
MDS 7152A A
8
Revision 102005
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS7152A
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010
.020
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com