Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77751 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX77751
Description  Up to 16V Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX77751
MAX77751 Evaluation Kit
Detailed Description of Hardware
Follow the initial test setup procedure.
Battery Charger Test Setup
The battery charger can be tested in three different ways
with a battery, battery simulator, or power supply with
electronic load.
Battery
1) Connect the 1 cell battery pack and current meter
between BATT and GND. Note: Only use a battery
with a charge termination voltage that matches that
of the MAX77751 populated on the board.
2) Connect the 5.0V/5.0A current-limited DC power
supply between CHGIN and GND and turn it on.
3) Observe the current reading from the current meter.
If the battery is discharged, the fast-charging current
should match the setting with the external IFAST
resistor (R4).
Battery Simulator
1) Connect the battery simulator between BATT and
GND, adjust the voltage to 3.8V with 3.5A current
limit, and turn it on.
2) Connect the 5.0V/5.0A current-limited DC power
supply between CHGIN and GND and turn it on.
3) Observe the current reading from the battery simula-
tor and see if the fast-charging current matches with
the external IFAST resistor.
Power Supply with Electronic Load
1) Connect the power supply between BATT and GND
and adjust the voltage to 3.8V with 3.5A current limit.
2) Connect the electronic load between BATT and GND
and set the load current to 3.5A.
3) Turn on the power supply and electronic load.
4) Connect the 5.0V/5.0A current-limited DC power
supply between CHGIN and GND and turn it on.
5) Observe the current reading from the current meter
1 and 2 (the fast-charging current equals I1-I2) and
see if this value matches with the external IFAST
resistor.
Figure 3. Battery Charger Test with Real Battery Pack
Figure 4. Battery Charger Test with Battery Simulator
Figure 5. Battery Charger Test with Power Supply and
Electronic Load
Table 1. Default Shunt Positions and
Jumper Descriptions
JUMPER #
DEFAULT
POSITION
FUNCTION
J3
Open
1-2 Disable Charger
J4
Open
1-2 Enable the Reverse Boost
MAX77751
BATT
GND
A
1 CELL
BATTERY
PACK
MAX77751
BATT
GND
BATTERY
SIMULATOR
MAX77751
BATT
GND
A
POWER
SUPPLY
A
I1
I2
ELECTRONIC
LOAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com