Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77650 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX77650
Description  GUI Drives I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX77650 Datasheet HTML 6Page - Maxim Integrated Products MAX77650 Datasheet HTML 7Page - Maxim Integrated Products MAX77650 Datasheet HTML 8Page - Maxim Integrated Products MAX77650 Datasheet HTML 9Page - Maxim Integrated Products MAX77650 Datasheet HTML 10Page - Maxim Integrated Products MAX77650 Datasheet HTML 11Page - Maxim Integrated Products MAX77650 Datasheet HTML 12Page - Maxim Integrated Products MAX77650 Datasheet HTML 13Page - Maxim Integrated Products MAX77650 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Maxim Integrated │ 10
www.maximintegrated.com
Evaluates: MAX77650/MAX77651
MAX77650/MAX77651 Evaluation Kit
Installation
Visit the product webpage at
www.maximintegrated.
com/max77650evkit and navigate to Design Resources
to download the latest version of the EV kit software. Save
the EV kit software to a temporary folder and decompress
the ZIP file.
Windows Drivers
Upon connection of a Micro-USB cable between your PC
and the EV kit for the first time, wait a few minutes for
Windows to automatically install the necessary drivers.
Graphical User Interface Details (GUI)
The GUI drives I2C communication with the EV kit. Every
control in the GUI (excluding the
Load Control and
AMUX/ADC tabs) corresponds directly to a register within
the MAX77650/MAX77651. Refer to the Programmer’s
Guide and IC data sheet for a complete description of
the registers. The
Load Control and AMUX/ADC tabs
provide additional functionality with the EV kit.
Load Control Tab
The
Load Control tab contains controls for setting loads
on the regulator outputs. The GUI is capable of setting
steady-state, transient, and random load currents. To set
a load current, use the slider bar or text field to input a
value (mA) and click the
Enable button. Shuffle through
the modes to exercise different load conditions. The offset
and gain values are set by Maxim and do not need to be
altered.
AMUX/ADC Tab
The
AMUX/ADC tab allows users to convert important
voltage and current signals to digital readings. To read a
signal, click the
Read button and examine the Interpreted
Value column.
Figure 8. MAX77650/MAX77651 Evaluation Kit GUI Top-Level Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com