Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40662 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40662
Description  Easy Electrical Evaluation of the MAX40662
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40662 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40662 Datasheet HTML 1Page - Maxim Integrated Products MAX40662 Datasheet HTML 2Page - Maxim Integrated Products MAX40662 Datasheet HTML 3Page - Maxim Integrated Products MAX40662 Datasheet HTML 4Page - Maxim Integrated Products MAX40662 Datasheet HTML 5Page - Maxim Integrated Products MAX40662 Datasheet HTML 6Page - Maxim Integrated Products MAX40662 Datasheet HTML 7Page - Maxim Integrated Products MAX40662 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40662
MAX40662 Evaluation Kit
MAX40662 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
C1
-
1
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;NIC COMPONENTS
CORP.;YAGEO
PHICOMP;MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 100PF; 50V; TOL=5%; TG=-55
DEGC TO +125 DEGC; TC=C0G
2
C2
-
1
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 2200PF; 50V; TOL=10%; TG=-55
DEGC TO +125 DEGC; TC=X7R
3
C3
-
1
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 10V; TOL=10%; MODEL=;
TG=-55 DEGC TO +85 DEGC; TC=X5R
4
C4, C10, C11
-
3
GRM155R61C104KA88
MURATA
0.1UF
CAPACITOR; SMT (0402);
CERAMIC; 0.1UF; 16V; TOL=10%; MODEL=GRM
SERIES; TG=-55 DEGC to +85 DEGC; TC=X5R
5
C5
-
1
C0402X5R6R3-225MNP;
C0402C225M9PAC;
GRM155R60J225ME15;
JMK105BJ225MV
VENKEL;KEMET;MURATA;
TAIYO YUDEN
2.2UF
CAPACITOR; SMT; 0402;
CERAMIC; 2.2uF; 6.3V; 20%; X5R; -55degC to +
85degC; 0 +/-15% degC MAX.
6
CIN1, CIN3, CIN5, CIN7
-
4
C0402C101K5GAC;
C1005C0G1H101K050BA
KEMET;TDK
100PF
CAPACITOR; SMT; 0402;
CERAMIC; 100pF; 50V; 10%; C0G; -55degC to +
125degC; 0 +/-30PPM/degC
7
CIN2, CIN4, CIN6, CIN8
-
4
GRM155R71E104KE14;
C1005X7R1E104K050BB;
TMK105B7104KVH;
CGJ2B3X7R1E104K050BB
MURATA;TDK;TAIYO
YUDEN;TDK
0.1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 0.1UF; 25V; TOL=10%;
MODEL=GRM SERIES; TG=-55 DEGC TO +125
DEGC; TC=X7R
8
GND1, GND2, VCC
-
3
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD;
WIRE; NATURAL; SOLID; WEICO WIRE; SOFT
DRAWN BUS TYPE-S; 20AWG
9
IN1-IN4, OUTN, OUTP
-
6
32K243-40ML5
ROSENBERGER
32K243-40ML5
CONNECTOR; FEMALE; SMT;
SMA JACK PCB; RIGHT ANGLE; 2PINS
10
I_OFFSET, LP, SEL0, SEL1
-
4
131-3701-266
JOHNSON COMPONENTS
131-3701-266
CONNECTOR; MALE;
THROUGH HOLE; SMB JACK VERTICAL PCB
MOUNT; STRAIGHT; 5PINS
11
J1
-
1
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE;
THROUGH HOLE; BREAKAWAY; STRAIGHT
THROUGH; 3PINS; -65 DEGC TO +125 DEGC
12
J2-J4
-
3
PEC04SAAN
SULLINS ELECTRONICS CORP.
PEC04SAAN
CONNECTOR; MALE;
THROUGH HOLE; BREAKAWAY; STRAIGHT;
4PINS
13
L1
-
1
BLM15BD601SN1
MURATA
600 INDUCTOR; SMT (0402);
FERRITE-BEAD; 600; TOL=+/-25%; 0.2A
14
MH1-MH4
-
4
P440.375
GENERIC PART
N/A
MACHINE SCREW; SLOTTED;
PAN; 4-40IN; 3/8IN; NYLON
15
MH1-MH4
-
4
1902B
GENERIC PART
N/A
STANDOFF; FEMALE-THREADED;
HEX; 4-40IN; 3/8IN; NYLON
16
R1-R8
-
8
ERJ-2RKF1241
PANASONIC
1.24K
RESISTOR; 0402; 1.24K OHM; 1%;
100PPM; 0.10W; THICK FILM
17
R9, RCL
-
2
ERJ-2GE0R00
PANASONIC
0 RESISTOR; 0402; 0 OHM; 0%;
JUMPER; 0.10W; THICK FILM
18
RT1-RT4
-
4
TNPW040249R9BE;
RG1005P-49R9-B-T;
ERA-2AEB49R9
SUSUMU CO LTD.;PANASONIC;
VISHAY
49.9 RESISTOR; 0402; 49.9 OHM;
0.1%; 25PPM; 0.063W; THICK FILM
19
SU1-SU4
-
4
S1100-B;SX1100-B;
STC02SYAN
KYCON;KYCON;SULLINS
ELECTRONICS CORP.
SX1100-B
TEST POINT; JUMPER; STR;
TOTAL LENGTH=0.24IN; BLACK;
INSULATION=PBT;PHOSPHOR BRONZE
CONTACT=GOLD PLATED
20
U1
-
1
MAX40662
MAXIM
MAX40662
EVKIT PART - IC; AMP; QUAD
TRANSIMPEDANCE AMPLIFIER WITH INPUT
CURRENT CLAMP AND MULTIPLEXER FOR
LIDAR; PACKAGE OUTLINE DRAWING:
21-100204; PACKAGE CODE: T1644Y+5C; LAND
PATTERN: 90-0070; TQFN16-EP
21
PCB
-
1
MAX40662
MAXIM
PCB
PCB:MAX40662
-
22
C6, C9, C14
DNP
0
C0402C101J5GAC;
NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050BA;
CGA2B2C0G1H101J050BA
KEMET;NIC COMPONENTS
CORP.;YAGEO
PHICOMP;MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 100PF; 50V; TOL=5%; TG=-55
DEGC TO +125 DEGC; TC=C0G
23
C7, C13
DNP
0
C0402X7R500-222KNE;
GRM155R71H222KA01
VENKEL LTD.;MURATA
2200PF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 2200PF; 50V; TOL=10%; TG=-55
DEGC TO +125 DEGC; TC=X7R
24
C8, C12
DNP
0
C0402X5R100-105KNE;
GRM155R61A105KE15
VENKEL LTD.;MURATA
1UF
CAPACITOR; SMT (0402);
CERAMIC CHIP; 1UF; 10V; TOL=10%; MODEL=;
TG=-55 DEGC TO +85 DEGC; TC=X5R
25
C15-C18
DNP
0
GRM155R61C104KA88
MURATA
0.1UF
CAPACITOR; SMT (0402);
CERAMIC; 0.1UF; 16V; TOL=10%; MODEL=GRM
SERIES; TG=-55 DEGC to +85 DEGC; TC=X5R
26
CD1-CD4
DNP
0
N/A
N/A
OPEN
PACKAGE OUTLINE 0402
NON-POLAR CAPACITOR
27
R0
DNP
0
ERJ-2RKF1000
PANASONIC
100 RESISTOR; 0402; 100 OHM; 1%;
100PPM; 0.10W; THICK FILM
TOTAL
61



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com