Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853001AMLF Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS853001AMLF
Description  1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853001AMLF Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS853001AMLF Datasheet HTML 7Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 8Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 9Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 10Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 11Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 12Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 13Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 14Page - Integrated Circuit Systems ICS853001AMLF Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
853001AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 29, 2005
11
Integrated
Circuit
Systems, Inc.
ICS853001
1:1, DIFFERENTIAL LVPECL-TO-
2.5V, 3.3V, 5V LVPECL/ECL BUFFER
APPLICATION SCHEMATIC EXAMPLE
Figure 6 shows an example of ICS853001 application schematic.
In this example, the device is operated at V
CC = 3.3V. The
decoupling capacitor should be located as close as possible to
the power pin. The input is driven by a 3.3V LVPECL driver. Only
FIGURE 6. APPLICATION SCHEMATIC EXAMPLE
VCC
Zo = 50 Ohm
R1
133
R7
133
LVPECL
Zo = 50 Ohm
R8
82.5
R4
82.5
R2
82.5
+
-
R6
82.5
U1
ICS853001
1
2
3
4
8
7
6
5
VCC
Q
nQ
VEE
OE
PCLK
nPCLK
VBB
R5
133
VCC
VCC
C5
0.1u
VCC
R3
133
Zo = 50 Ohm
VCC=3.3V
Zo = 50 Ohm
one termination example is shown in this schematic. For more
termination approaches, please refer to the LVPECL Termina-
tion Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com