Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853052AG Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS853052AG
Description  DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853052AG Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS853052AG Datasheet HTML 1Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 2Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 3Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 4Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 5Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 6Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 7Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 8Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
853052AG
www.icst.com/products/hiperclocks.html
REV. A JULY 1, 2004
2
Integrated
Circuit
Systems, Inc.
ICS853052
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
3
,
2b
D
,
a
Dt
u
p
n
In
w
o
d
ll
u
P.
s
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
4L
E
St
u
p
n
In
w
o
d
ll
u
P
.
k
c
o
l
c
t
u
p
n
i
a
D
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
n
i
p
t
u
p
n
i
t
c
e
l
e
S
.
k
c
o
l
c
t
u
p
n
i
b
D
s
t
c
e
l
e
s
w
o
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
H
0
0
1
d
e
d
n
e
-
e
l
g
n
i
S
5V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
7
,
6Q
,
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
:
E
T
O
N
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
1F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7K
Ω
TABLE 3.
CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
I
L
E
Se
c
r
u
o
S
d
e
t
c
e
l
e
S
0b
D
1a
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com