Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853058 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS853058
Description  8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853058 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS853058 Datasheet HTML 7Page - Integrated Circuit Systems ICS853058 Datasheet HTML 8Page - Integrated Circuit Systems ICS853058 Datasheet HTML 9Page - Integrated Circuit Systems ICS853058 Datasheet HTML 10Page - Integrated Circuit Systems ICS853058 Datasheet HTML 11Page - Integrated Circuit Systems ICS853058 Datasheet HTML 12Page - Integrated Circuit Systems ICS853058 Datasheet HTML 13Page - Integrated Circuit Systems ICS853058 Datasheet HTML 14Page - Integrated Circuit Systems ICS853058 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
853058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 13, 2004
12
Integrated
Circuit
Systems, Inc.
ICS853058
8:1, DIFFERENTIAL-TO-
3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in
Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 0.935V
(V
CCO_MAX
- V
OH_MAX
) = 0.935V
•
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.67V
(V
CCO_MAX
- V
OL_MAX
) = 1.67V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) =
[(2V - 0.935V)/50
Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.67V)/50
Ω] * 1.67V = 11.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
FIGURE 6. LVPECL DRIVER CIRCUIT AND TERMINATION
VCCO - 2V
Q1
VOUT
RL
50
VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com