Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111A Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS853111A
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111A Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS853111A Datasheet HTML 3Page - Integrated Circuit Systems ICS853111A Datasheet HTML 4Page - Integrated Circuit Systems ICS853111A Datasheet HTML 5Page - Integrated Circuit Systems ICS853111A Datasheet HTML 6Page - Integrated Circuit Systems ICS853111A Datasheet HTML 7Page - Integrated Circuit Systems ICS853111A Datasheet HTML 8Page - Integrated Circuit Systems ICS853111A Datasheet HTML 9Page - Integrated Circuit Systems ICS853111A Datasheet HTML 10Page - Integrated Circuit Systems ICS853111A Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. B MAY 14, 2004
7
Integrated
Circuit
Systems, Inc.
ICS853111A
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
OUTPUT SKEW
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
V
CMR
Cross Points
V
PP
V
EE
nPCLK0, nPCLK1
V
CC
PCLK0, PCLK1
SCOPE
Qx
nQx
LVPECL
2V
-3.25V to -0.375V
tsk(pp)
tsk(o)
nQx
Qx
nQy
Qy
PART 1
PART 2
nQx
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PD
nPCLK0,
nPCLK1
Q0:Q9
nQ0:nQ9
PCLK0,
PCLK1
V
EE
V
CC,
V
CCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com