Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853111B Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS853111B
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111B Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS853111B Datasheet HTML 10Page - Integrated Circuit Systems ICS853111B Datasheet HTML 11Page - Integrated Circuit Systems ICS853111B Datasheet HTML 12Page - Integrated Circuit Systems ICS853111B Datasheet HTML 13Page - Integrated Circuit Systems ICS853111B Datasheet HTML 14Page - Integrated Circuit Systems ICS853111B Datasheet HTML 15Page - Integrated Circuit Systems ICS853111B Datasheet HTML 16Page - Integrated Circuit Systems ICS853111B Datasheet HTML 17Page - Integrated Circuit Systems ICS853111B Datasheet HTML 18Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
853111BY
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
14
Integrated
Circuit
Systems, Inc.
ICS853111B
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 8.
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination
voltage of V
CCO
- 2V.
•
For logic high, V
OUT = VOH_MAX = VCCO_MAX – 0.935V
(V
CC_MAX - VOH_MAX
) = 0.935V
•
For logic low, V
OUT = VOL_MAX = VCCO_MAX – 1.67V
(V
CCO_MAX - VOL_MAX
) = 1.67V
Pd_H = [(V
OH_MAX – (VCCO_MAX - 2V))/RL
] * (V
CCO_MAX - VOH_MAX) = [(2V - (VCCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO _MAX- VOH_MAX) =
[(2V - 0.935V)/50Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX – (VCCO_MAX - 2V))/RL
] * (V
CCO_MAX - VOL_MAX) = [(2V - (VCCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX - VOL_MAX) =
[(2V - 1.67V)/50Ω] * 1.67V = 11.02mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
Figure 8. LVPECL Driver Circuit and Termination
VCCO - 2V
Q1
VOUT
RL
50
VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com