Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V205Q121A-940 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # V205Q121A-940
Description  Gesture Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

V205Q121A-940 Datasheet(HTML) 3 Page - OSRAM GmbH

  V205Q121A-940 Datasheet HTML 1Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 2Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 3Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 4Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 5Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 6Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 7Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 8Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
V205Q121A-940
3 Version 1.0 | 2021-10-01
C
Chhaarraacctteerriissttiiccss
tp = 300 µs; D = 0.05; TA = 25 °C
Parameter
Symbol
Values
IR Laser
Peak wavelength 6)
λpeak
min.
typ.
max.
931 nm
940 nm
949 nm
Optical output power 7)
IF = 4 A
Popt
min.
typ.
5.0 W
6.5 W
Field of view (HFOV)
Angle at Ee,50% level, normalized to the centroid
Θ||
typ.
66 °
Field of view (VFOV)
Angle at Ee,50% level, normalized to the centroid
Θ⊥
typ.
53 °
Dimensions of chip area
L x W
typ.
0.9 x 1.0
mm x mm
Slope efficiency
IF = 1 A … 2 A
η
min.
typ.
1.50 W/ A
1.75 W/ A
Power conversion efficiency
IF = 4 A
ηtot
typ.
45 %
Threshold current
Ith
typ.
max.
0.5 A
0.9 A
Forward voltage 8)
IF = 4 A
VF
min.
typ.
max.
3.0 V
3.7 V
4.5 V
Rise time
10% and 90% of Ie max
tr
typ.
1 ns
Fall time
10% and 90% of Ie max
tf
typ.
1 ns
Temperature coefficient of wavelength
TCλ
typ.
tbd nm/ K
Thermal resistance junction solder point real
tp = 0.01 s
RthJS real
max.
11 K/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com