Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17561 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17561
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17561 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17561 Datasheet HTML 1Page - Maxim Integrated Products MAX17561 Datasheet HTML 2Page - Maxim Integrated Products MAX17561 Datasheet HTML 3Page - Maxim Integrated Products MAX17561 Datasheet HTML 4Page - Maxim Integrated Products MAX17561 Datasheet HTML 5Page - Maxim Integrated Products MAX17561 Datasheet HTML 6Page - Maxim Integrated Products MAX17561 Datasheet HTML 7Page - Maxim Integrated Products MAX17561 Datasheet HTML 8Page - Maxim Integrated Products MAX17561 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX17561/MAX17562/MAX17563 adjustable overvoltage
and overcurrent-protection devices are ideal to protect systems
against positive and negative input voltage faults up to Q40V
and feature low 100m
Ω (typ) RON FETs.
The adjustable overvoltage protection range is between
6V and 36V, while the adjustable undervoltage protection
range is between 4.5V and 24V. The overvoltage-lockout
(OVLO) and undervoltage-lockout (UVLO) thresholds are
set using optional external resistors. The factory-preset
internal OVLO threshold is 33V (typ) and the preset internal
UVLO threshold is 19.2V (typ).
The ICs also feature programmable current-limit protection
up to 4.2A. Once current reaches the threshold, the
MAX17561 turns off after the 20.7ms (typ) blanking time
and stays off during the retry period. The MAX17562
latches off after the blanking time, and the MAX17563
limits the current continuously. In addition, these devices
feature reverse current and thermal-shutdown protection.
The ICs are available in a small 14-pin TSSOP (5mm x
6.5mm) package and are specified over the extended
-40NC to +125NC temperature range.
Benefits and Features
● Industrial Power Protection Increases Robustness
• Wide Input Supply Range: +4.5V to +36V
• Negative Input Tolerance to -36V
• Low RON 100mΩ (typ)
• Reverse Current Flow Control Input
• Thermal Overload Protection
• Extended -40°C to +125°C Temperature Range
● Flexible Design Options Eases Designs
• Adjustable OVLO and UVLO Thresholds
• Programmable Forward-Current Limit: 0.7A to 4.2A
with ±15% Accuracy
• Dual Enable Inputs: EN and High Voltage HVEN
● Saves Space
• 14-Pin, 5mm x 6.5mm, TSSOP Package
Applications
● Industrial Equipment
● Consumer Electronics
● Marine Equipment
● Battery-Powered Applications
Ordering Information appears at end of data sheet.
19-100078; Rev 2; 9/17
IN
IN
IN
UVLO
OVLO
SETI
OUT
OUT
VPULLUP
OUT
EN
RIEN
GND
R1
R2
R4
R3
SYSTEM
POWER
SUPPLY
NOTE: R1, R2, R3, AND R4 ARE ONLY REQUIRED FOR ADJUSTABLE
OVLO/UVLO; OTHERWISE, CONNECT UVLO/OVLO TO GND.
SYSTEM
VPOWER
CIN
COUT
FLAG
HVEN
MAX17561
MAX17562
MAX17563
Typical Operating Circuit
MAX17561/MAX17562/
MAX17563
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17561EVKIT MAXIM-MAX17561EVKIT Datasheet
437Kb / 10P
Adjustable Overcurrent and Overvoltage Protection Solutions
Rev 0; 6/17
More results

Similar Description - MAX17561

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com