Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09180167006 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09180167006
Description  SEK CAB FLAT COLOR TW AWG28/7 16P 30,48m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09180167006 Datasheet(HTML) 2 Page - HARTING Technology Group

  09180167006 Datasheet HTML 1Page - HARTING Technology Group 09180167006 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
09 18 016 7006
SEK CAB FLAT COLOR TW AWG28/7 16P 30,48m
Material properties
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
Specifications and approvals
UL / CSA
UL 758 AVLV2.E42769
Commercial data
Packaging size
1
Net weight
1,316 g
Country of origin
USA
European customs tariff number
85444993
eCl@ss
27061801 Data and communication cable (copper)
Page 2 / 2 | Creation date 2021-06-22 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com