Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R-5 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R-5
Description  gas discharge tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R-5 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
2R-5 Gas Discharge Tubes (GDT) series provides high levels
of protection against fast rising transients caused by lightning
disturbances. Offered in a miniature surface mount package,
it has a surge rating of 3KA/2kA 8/20
μs.
2R-5 GDTs are high voltage (1000-3600V) components
designed for surge protection and high isolation applications.
It is also suitable for applications for which bias voltage or
signal levels of several hundred volts are normally present.
2R-5 GDTs can be used in conjunction with MOVs (Metal
Oxide Varistors) to provide superior protection performance
for AC applications.
Electrical symbol
Features
Applications
l Voltage Ranges 1000V to 3000V
l Excellent response to fast rising transients
l 8/20
μs Impulse current capability: 3KA/2kA
l Non-Radioactive
l Ultra Low capacitance (<1pF)
l Lead-free and RoHS compliant
l UL 1449 Recognized
l Size:
Ф5.5mm*6mm
l Storage and operational temperature: -40~+90
°C
Automotive:
l On-board chargers
l Vehicle charging stations
Others:
l LED lighting
l Power supply
l Photovoltaic
l Air conditioning
Part Number Code
Electrode Numbers
2R: 2 Electrodes
Product Series
Size:
Ф5.5mm*6mm
DC Spark-over Voltage
2
R
x
x
x
x
-
5
Lead Type
T: Lead
S: SMD
x
gas discharge tubes
2R-5 Series
Rev :
www.leiditech.com
01.06.2016
1/5


Similar Part No. - 2R-5

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
2R-5 YAGEO-2R-5 Datasheet
555Kb / 8P
Gas DischargeTube(GDT)
Jul.12,2023V.1
2R-5-SS YAGEO-2R-5-SS Datasheet
458Kb / 6P
Gas DischargeTube(GDT)
2R-5-SST4.2 YAGEO-2R-5-SST4.2 Datasheet
551Kb / 6P
Gas Discharge Tube (GDT)
Feb. 02, 2021 V.1
2R-5-ST5 YAGEO-2R-5-ST5 Datasheet
489Kb / 6P
Gas DischargeTube(GDT)
Jul.12,2023V.1
2R-5-UT5 YAGEO-2R-5-UT5 Datasheet
508Kb / 6P
Gas DischargeTube(GDT)
Jul.12,2023V.1
More results

Similar Description - 2R-5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com