Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R2000-5L Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R2000-5L
Description  GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R2000-5L Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R2000-5L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
Maximum
Impulse
Breakdown
Voltage
Max.
Impulse
Discharge
Current
(8/20μs)
Impulse
Life
(10/1000μs)
Normal
Alternating
Discharge
Current
DC
Holdover
Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
100V/S 100V/
μS
1KV/
μs
1
times
10
times
100 A
50Hz
1Sec
Single
9 Cycles <150ms
DIP
SMD
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(GΩ)
(pF)
70±20%
700
800
5
10
300
10
25
52
1
1
75±20%
700
800
10
300
10
25
52
1
1
90±20%
600
700
10
300
10
25
52
1
1
150±20% 600
700
10
300
10
25
52
1
1
230 ±20% 600
700
10
300
10
25
80
1
1
350 ±20% 700
900
10
300
10
25
150
1
1
400 ±20% 800 1000 10
300
10
25
150
1
1
470 ±20% 900 1100
10
300
10
25
150
1
1
600±20% 1300 1500 10
300
10
25
150
1
1
800±20% 1500 1700 10
300
10
25
150
1
1
DC Spark-over Voltage
DC Measuring Voltage
70-90V
50V
150-400V
100V
1000-3600V
250V
2R070-5L 2R070-5S
5
5
5
5
5
5
5
5
5
1000±20% 1600 1800
5
300
10
25
1
1
1200 ±20% 1800 2000
300
10
25
1
1
1500 ±20% 2200 2400
300
10
25
150
1
1
2000 ±20% 2800 3000
300
10
25
150
1
1
2500 ±20% 3300 3500
300
10
25
150
1
1
3000 ±20% 3800 4000
300
10
25
150
1
1
3600±20% 4400 4600
300
10
25
150
1
1
3
5
3
5
3
5
3
5
3
5
3
5
3
150
150
2R Series
2R075-5L 2R075-5S
2R090-5L
2R090-5S
2R150-5L
2R230-5L
2R350-5L
2R400-5L
2R470-5L
2R600-5L
2R800-5L
2R1000-5L
2R1200-5L
2R1500-5L
2R2000-5L
2R2500-5L
2R3000-5L
2R3600-5L
2R150-5S
2R230-5S
2R350-5S
2R400-5S
2R470-5S
2R600-5S
2R800-5S
2R1000-5S
2R1200-5S
2R1500-5S
2R2000-5S
2R2500-5S
2R3000-5S
2R3600-5S
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com