Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXREFDES9 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXREFDES9
Description  3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES9 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXREFDES9 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES9 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 6. Power efficiency vs. current load for a 3.3V
input to a ±12V output.
Figure 7. Power efficiency vs. current load for a 5V
input to a ±12V output.
Figure 8. Power efficiency vs. current load for a 12V input to ±12V output.
The output noise is well below 0.5% of the output voltages. The noise is mainly caused by the switching pulses
of the MAX13256. Figures 9 to 16 show the scope shots of the noise for various setups. The noises on the
negative rails are identical to those on the positive rails for symmetrical load applications.
Page 5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com