Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2571 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2571
Description  IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2571 Datasheet(HTML) 2 Page - Schurter Inc.

  2571_21 Datasheet HTML 1Page - Schurter Inc. 2571_21 Datasheet HTML 2Page - Schurter Inc. 2571_21 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors (Inlets/Outlets)
2571
https://www.schurter.com /PG07
Connectors
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC/EN 60320-1
Appliance couplers for household and similar general purposes
Designed according to
UL 60320-1
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 60320-1
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
19.2
19
37
15.5
2.5
28
28
10
+0.2
- 0
Length of the terminal please find at the order code configuration table
Config. Code
2571
|-|H|-|A|B|C|0-|D|-|E|G|F|
The characters are placeholders for the correspondingly keys of selections from the key tables.
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Type
Type
Configuration
key
protection class II
X
2571
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal L
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com