Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMC100C Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 3.0SMC100C
Description  Surface Mount TYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

3.0SMC100C Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  3.0SMC100C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 3.0SMC100C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 3.0SMC100C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86- 021-50828806
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3.0SMC120
3.0SMC120C
120
120C
97.2
108
132
1.0
173
17.3
5.0
3.0SMC120A 3.0SMC120CA
120A
120CA
102
114
126
1.0
165
18.2
5.0
3.0SMC130
3.0SMC130C
130
130C
105
117
143
1.0
187
16.0
5.0
3.0SMC130A 3.0SMC130CA
130A
130CA
111
124
137
1.0
179
16.8
5.0
3.0SMC150
3.0SMC150C
150
150C
121
135
165
1.0
215
14.0
5.0
3.0SMC150A 3.0SMC150CA
150A
150CA
128
143
158
1.0
207
14.5
5.0
3.0SMC160
3.0SMC160C
160
160C
130
144
176
1.0
230
13.0
5.0
3.0SMC160A 3.0SMC160CA
160A
160CA
136
152
168
1.0
219
13.7
5.0
3.0SMC170
3.0SMC170C
170
170C
138
153
187
1.0
244
12.3
5.0
3.0SMC170A 3.0SMC170CA
170A
170CA
145
162
179
1.0
234
12.8
5.0
3.0SMC180
3.0SMC180C
180
180C
146
162
198
1.0
258
11.6
5.0
3.0SMC180A 3.0SMC180CA
180A
180CA
154
171
189
1.0
246
12.2
5.0
3.0SMC200
3.0SMC200C
200
200C
162
180
220
1.0
287
10.5
5.0
3.0SMC200A 3.0SMC200CA
200A
200CA
171
190
210
1.0
274
10.9
5.0
3.0SMC220
3.0SMC220C
220
220C
175
198
242
1.0
344
8.7
5.0
3.0SMC220A 3.0SMC220CA
220A
220CA
185
209
231
1.0
328
9.1
5.0
3.0SMC250
3.0SMC250C
250
250C
202
225
275
1.0
360
8.3
5.0
3.0SMC250A 3.0SMC250CA
250A
250CA
214
237
263
1.0
344
8.7
5.0
3.0SMC300
3.0SMC300C
300
300C
243
270
330
1.0
430
7.0
5.0
3.0SMC300A 3.0SMC300CA
300A
300CA
256
285
315
1.0
414
7.2
5.0
3.0SMC350
3.0SMC350C
350
350C
284
315
385
1.0
504
6.0
5.0
3.0SMC350A 3.0SMC350CA
350A
350CA
300
333
368
1.0
482
6.2
5.0
3.0SMC400
3.0SMC400C
400
400C
324
360
440
1.0
574
5.2
5.0
3.0SMC400A 3.0SMC400CA
400A
400CA
342
380
420
1.0
548
5.5
5.0
3.0SMC440
3.0SMC440C
440
440C
356
396
484
1.0
631
4.8
5.0
3.0SMC440A 3.0SMC440CA
440A
440CA
376
418
462
1.0
600
5.0
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com