Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2000L Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K2000L
Description  The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K2000L Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K2000L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000L Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000L Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000L Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000L Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrcal Characteristics
(Tamb=25℃)
Part
Number
VBO
VDRM
IDRM
VTM
IT
IH
Breakover
Voltage(Instantaneous
clamping voltage)
Blocking
Voltage
Peak Off-state
Current at
VDRM
Peak On-state
Voltage IT=1A
Continuous
On-state DC or
RMS Current
Holding
Current
Min.(V)
MAX.(V)
MIN.(V)
MAX.(uA)
MAX.(V)
MAX.(A)
MAX.(mA)
K0900
L
80
100
65
10
1.5
1.0
100
K1050
L
95
115
75
10
1.5
1.0
100
K1100
L
105
120
85
10
1.5
1.0
100
K1200
L
110
125
90
10
1.5
1.0
100
K1300
L
120
140
95
10
1.5
1.0
100
K1400
L
130
145
105
10
1.5
1.0
100
K1500
L
140
170
115
10
1.5
1.0
100
K2000
L
190
215
150
10
1.5
1.0
100
K2200
L
205
230
165
10
1.5
1.0
100
K2400
L
220
250
175
10
1.5
1.0
100
K2500
L
240
280
190
10
1.5
1.0
100
K3000
L
270
330
215
10
1.5
1.0
100
K3500
L
320
390
260
10
1.5
1.0
100
K4000
L
375
460
310
10
1.5
1.0
100
K4500
L
440
530
360
10
1.5
1.0
100
K5000
L
505
600
420
10
1.5
1.0
100
Series
IPP
ITSM
Di/dt
Peak pulse current,TJ<150℃
Peak one
Cycle(sinusoidal)Surge Current
Critical Rate
of Rise of
On-state
Cruuent
10*160us
10*560us
10*1000us
Max(A)
Max(A)
Max(A)
60HZ(A)
50HZ(A)
Typical(A/us)
K
L
60
35
35
20
16.7
100
Rev :
www.leiditech.com
2/6
K
L Series
01.09.2021



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com