Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2041F Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP2041F
Description  SOT23 40 volt PNP silicon planar medium power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2041F Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP2041F Datasheet HTML 1Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 2Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 3Page - Zetex Semiconductors ZXTP2041F Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 3 - November 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
ZXTP2041F
SOT23 40 volt PNP silicon planar medium power
transistor
Summary
V(BR)CEO > -40V
Ic(cont) = -1A
Vce(sat) < -500mV @ -1A
Complementary type
ZXTP2041F
Description
This transistor combines high gain, high current operation and low saturation voltage making it
ideal for power MOSFET gate driving and low loss power switching.
Features
■ Low saturation voltage for reduced power dissipation
■ 1 to 2 amp high current capability
■ Pb-free
■ SOT23 package
Applications
■ Power MOSFET gate driving
■ Low loss power switching
Ordering information
Device marking
P41
Device
Reel size
Tape width
Quantity per reel
ZXTP2041FTA
7”
8mm
3,000
ZXTP2041FTC
13”
8mm
10,000
Pin out - top view


Similar Part No. - ZXTP2041F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 6
ZXTP2041FTA DIODES-ZXTP2041FTA Datasheet
221Kb / 6P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 6
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
More results

Similar Description - ZXTP2041F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2040F ZETEX-ZXTN2040F Datasheet
182Kb / 5P
SOT23 40 volt NPN silicon planar medium power transistor
ZXTP2039F ZETEX-ZXTP2039F Datasheet
154Kb / 5P
SOT23 80 volt PNP silicon planar medium power transistor
logo
Diodes Incorporated
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
ZXTN2040F DIODES-ZXTN2040F Datasheet
192Kb / 5P
SOT23 40 volt NPN silicon planar medium power
AUGUST 2005
ZXTP2039F DIODES-ZXTP2039F Datasheet
161Kb / 5P
SOT23 80 volt PNP silicon planar medium power
AUGUST 2005
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZXTP2039F DIODES-ZXTP2039F_15 Datasheet
161Kb / 5P
SOT23 80 volt PNP silicon planar medium power transistor
AUGUST 2005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com