Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4928TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4928TL
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4928TL Datasheet HTML 1Page - National Semiconductor (TI) LM4928TL Datasheet HTML 2Page - National Semiconductor (TI) LM4928TL Datasheet HTML 3Page - National Semiconductor (TI) LM4928TL Datasheet HTML 4Page - National Semiconductor (TI) LM4928TL Datasheet HTML 5Page - National Semiconductor (TI) LM4928TL Datasheet HTML 6Page - National Semiconductor (TI) LM4928TL Datasheet HTML 7Page - National Semiconductor (TI) LM4928TL Datasheet HTML 8Page - National Semiconductor (TI) LM4928TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4928
1.2 Watt Stereo Fully Differential Audio Amplifier with RF
Suppression and Shutdown Low
General Description
The LM4928 is an stereo fully differential stereo audio power
amplifier primarily designed for demanding applications in
mobile phones and other portable communication devices. It
is capable of delivering 1.2 watts of continuous average
power to a 8
Ω load with less than 1% distortion (THD+N)
from a 5V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4928 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4928 features a low-power consumption shutdown
mode. To facilitate this, shutdown may be enabled by logic
low. Additionally, the LM4928 features an internal thermal
shutdown protection mechanism.
The LM4928 contains advanced pop & click circuitry which
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
Key Specifications
j Improved PSRR at 217Hz
90dB (typ)
j Output Power at 5.0V @ 1% THD+N (8
Ω) 1.2W (typ)
j Output Power at 3.0V @ 1% THD+N (8
Ω)400mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
RF Suppression Circuitry
n
Fully differential amplification
n
Available in space-saving micro SMD and LLP packages
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 100pF
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.4 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices and accessories
Boomer® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS201600
www.national.com


Similar Part No. - LM4928TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4928TL/NOPB TI1-LM4928TL/NOPB Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4928TLX/NOPB TI1-LM4928TLX/NOPB Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
More results

Similar Description - LM4928TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4884 NSC-LM4884 Datasheet
1Mb / 22P
2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com