Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79R79-4JC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79R79-4JC
Description  Ringing Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79-4JC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79R79-4JC Datasheet HTML 1Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 2Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 3Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 4Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 5Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 6Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 7Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 8Page - Advanced Micro Devices AM79R79-4JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SLIC Products
3
ORDERING INFORMATION
Standard Products
Note:
* Functionality of the device from 0°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of production units.
Am79R79
J
C
TEMPERATURE RANGE
C = Commercial (0°C to 70°C)*
PACKAGE TYPE
J = 32-pin Plastic Leaded Chip Carrier (PL 032)
DEVICE NUMBER/DESCRIPTION
Am79R79
JC
Valid Combinations
–1
PERFORMANCE GRADE OPTION
–1 = 52 dB Longitudinal Balance, Polarity Reversal
–2 = 63 dB Longitudinal Balance, Polarity Reversal
–3 = 52 dB Longitudinal Balance, No Polarity Reversal
–4 = 63 dB Longitudinal Balance, No Polarity Reversal
Valid Combinations
–1
–2
–3
–4
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations, to check on newly
released combinations, and to obtain additional
data on AMD’s standard military grade products.
AMD standard products are available in several packages and operating ranges. The order number (Valid Com-
bination) is formed by a combination of the elements below
Am79R79
Ringing Subscriber Line Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com