Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD12CL Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD12CL
Description  TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD12CL Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD12CL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12CL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12CL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev :
www.leiditech.com
2/3
01.04.2021
Symbol
VRWM
VBR
IR
Parameter
Reverse Working Peak Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage
Conditions
Typ
Max
12
Unit
V
IT = 1mA
V
VRWM = 12V
µ
A
V
VC
VC
Clamping Voltage
V
CJ
Capacitance
pF
Min
13.3
1
IPP = 1 A (8/20µs)
IPP = 6 A (8/20µs)
VR = 0V, f = 1MHz
70
25
19
Characteristic Curves
SD12CL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com