Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2641 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB2641
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2641 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB2641 Datasheet HTML 50Page - Microchip Technology USB2641 Datasheet HTML 51Page - Microchip Technology USB2641 Datasheet HTML 52Page - Microchip Technology USB2641 Datasheet HTML 53Page - Microchip Technology USB2641 Datasheet HTML 54Page - Microchip Technology USB2641 Datasheet HTML 55Page - Microchip Technology USB2641 Datasheet HTML 56Page - Microchip Technology USB2641 Datasheet HTML 57Page - Microchip Technology USB2641 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
USB2640/USB2641
DS00001947C-page 54
 2015-2021 Microchip Technology Inc.
FIGURE 11-1:
USB2640/USB2641 48-PIN QFN, 7 X 7 MM BODY, 0.5 MM PITCH (CONTINUED)
Microchip Technology Drawing C04-223C Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
48-Lead Plastic Quad Flat, No Lead Package (RS) - 7x7 mm Body [VQFN]
With Exposed Pad; Punch Singulated (AIS Package HZH)
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
(A3)
e
L
E
N
0.50 BSC
0.20 REF
0.30
0.18
0.80
0.00
0.23
0.40
(See Exposed Pad Variations)
0.85
0.01
7.00 BSC
MILLIMETERS
MIN
NOM
48
0.50
0.30
0.90
0.05
MAX
θ
-
0°
12°
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is punch singulated
Dimensioning and tolerancing per ASME Y14.5M
Mold Draft Angle
A2
0.60
0.65
0.70
E1
6.75 BSC
D1
Mold Cap Height
Molded Top Width
Molded Top Length
Terminal-to-Exposed-Pad
K
0.20
-
-
(See Exposed Pad Variations)
7.00 BSC
6.75 BSC
Corner Chamfer
P
0.24
0.42
0.60
5.40 5.50 5.60
C
5.20 5.30 5.40
5.00 5.10 5.20
4.00 4.10 4.20
G
H
K
D2
5.40 5.50 5.60
5.20 5.30 5.40
5.00 5.10 5.20
4.00 4.10 4.20
E2
Symbol
Exposed Pad Variations
MIN NOM MAX MIN NOM MAX
Variant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com