Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19005 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX19005
Description  Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19005 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX19005 Datasheet HTML 1Page - Maxim Integrated Products MAX19005 Datasheet HTML 2Page - Maxim Integrated Products MAX19005 Datasheet HTML 3Page - Maxim Integrated Products MAX19005 Datasheet HTML 4Page - Maxim Integrated Products MAX19005 Datasheet HTML 5Page - Maxim Integrated Products MAX19005 Datasheet HTML 6Page - Maxim Integrated Products MAX19005 Datasheet HTML 7Page - Maxim Integrated Products MAX19005 Datasheet HTML 8Page - Maxim Integrated Products MAX19005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX19005
Quad, Ultra-Low-Power,
200Mbps ATE Drivers/Comparators
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VDDSW = +24.6V, VSSSW = -1.25V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV__= 0V, LOAD EN
LOW_ = LOAD EN HIGH_ = 0, SWEN = 1, TJ = +70°C with an accuracy of ±15NC. Specification compliance with supply and
temperature variations is verified by guard-banding mean shifts of characterization data, unless otherwise noted. All temperature
coefficients measured at TJ = +50°C to +90°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Rise/Fall Time
(Average Rise/Fall Time)
VDHV_ = +0.2V, VDLV_ = 0V, 20% to 80%
0.8
ns
VDHV_ = +1V, VDLV_ = 0, 20% to 80%
0.8
VDHV_ = +3V, VDLV_ = 0V, 10% to 90%
1.4
2.0
2.7
VDHV_ = +4V, VDLV_ = 0V,
RDUT_ = 500I, 10% to 90%
2.5
VDHV_ = +5V, VDLV_ = 0V,
RDUT_ = 500I, 10% to 90%
3.1
Rise/Fall Time Matching
VDHV_ = +0.2V
VDLV_ = 0V
Q
50
%
VDHV_ = +1V
Q
15
VDHV_ = +3V and +5V
Q
5
Minimum Pulse Width
(Average Positive/Negative Pulse)
(Note 8)
0.2VP-P, VDHV_ = +0.2V, VDLV_ = 0V
1.8
ns
1VP-P, VDHV_ = +1V, VDLV_ = 0V
2.0
3VP-P, VDHV_ = +3V, VDLV_ = 0V
2.6
COMPARATOR (driver in high-impedance mode) (Note 9)
DC CHARACTERISTICS
Input Voltage Range
-1.0
+5.2
V
Differential Input Voltage
VDUT_ - VCHV_, VDUT_ - VCLV_
-6.2
+6.2
V
Hysteresis
VCHV_ = VCLV_ = +1.5V
8
mV
Input Offset Voltage
VDUT_ = +1.5V, VCOMPHI = +0.8V,
VCOMPLO = +0.2V (Note 10)
Q
10
mV
Input Offset Temperature Coefficient
(Note 10)
Q
25
F
V/NC
Common-Mode Rejection Ratio
CMRR
VDUT_ = 0V and +3V (Note 10)
60
dB
Linearity Error
VDUT_ = +1.5V (Notes 3, 10)
Q
5
mV
VDUT_ = -1V, +5.2V (Notes 3, 10)
Q
10
Power-Supply Rejection Ratio
PSRR
VDUT_ = +1.5V, VDD, VSS, VDDSW,
VSSSW supplies independently varied
over full range (Note 10)
Q
5
mV/V
AC CHARACTERISTICS (Note 11)
Equivalent Input Bandwidth
VDLV_ = 0V termination mode, VDUT_ =
1VP-P, tR = tF = 500ps input, calculated
from 10% to 90% redigitization waveform
300
MHz
Prop Delay
VDUT_= 1VP-P, VCHV_ or VCLV_ = +0.5V
1.1
2.0
3.3
ns
Prop-Delay Temperature Coefficient
VDUT_= 1VP-P, VCHV_ or VCLV_ = +0.5V
2
ps/NC
Prop-Delay Match, tLH to tHL
Absolute value of delta for each
comparator, VDUT_ = 1VP-P
Q
250
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com