Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17428 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17428
Description  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17428 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17428 Datasheet HTML 1Page - Maxim Integrated Products MAX17428 Datasheet HTML 2Page - Maxim Integrated Products MAX17428 Datasheet HTML 3Page - Maxim Integrated Products MAX17428 Datasheet HTML 4Page - Maxim Integrated Products MAX17428 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
II. Manufacturing Information
A. Description/Function:
1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controller
B. Process:
S4
C. Number of Device Transistors:
10146
D. Fabrication Location:
Texas
E. Assembly Location:
ASAT China, UTL Thailand
F. Date of Initial Production:
2008
III. Packaging Information
A. Package Type:
32-pin TQFN 5x5
B. Lead Frame:
Copper
C. Lead Finish:
100% matte Tin
D. Die Attach:
Conductive Epoxy
E. Bondwire:
Gold (1.0 mil dia.)
F. Mold Material:
Epoxy with silica filler
G. Assembly Diagram:
#05-9000-2634
H. Flammability Rating:
Class UL94-V0
MAX17428GTJ+
I. Classification of Moisture Sensitivity per
JEDEC standard J-STD-020-C
Level 1
J. Single Layer Theta Ja:
47°C/W
K. Single Layer Theta Jc:
1.7°C/W
L. Multi Layer Theta Ja:
29°C/W
M. Multi Layer Theta Jc:
2.7°C/W
IV. Die Information
A. Dimensions:
77 X 73 mils
B. Passivation:
Si3N4/SiO2 (Silicon nitride/ Silicon dioxide
C. Interconnect:
Aluminum/0.5% Cu
D. Backside Metallization:
None
E. Minimum Metal Width:
Metal1 = 0.5 / Metal2 = 0.6 / Metal3 = 0.6 microns (as drawn)
F. Minimum Metal Spacing:
Metal1 = 0.45 / Metal2 = 0.5 / Metal3 = 0.6 microns (as drawn)
G. Bondpad Dimensions:
5 mil. Sq.
H. Isolation Dielectric:
SiO2
I. Die Separation Method:
Wafer Saw
Maxim Integrated Products. All rights reserved.
Page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com