Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1330AB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1330AB
Description  256k Nonvolatile SRAM with Battery Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1330AB Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1330AB Datasheet HTML 1Page - Maxim Integrated Products DS1330AB Datasheet HTML 2Page - Maxim Integrated Products DS1330AB Datasheet HTML 3Page - Maxim Integrated Products DS1330AB Datasheet HTML 4Page - Maxim Integrated Products DS1330AB Datasheet HTML 5Page - Maxim Integrated Products DS1330AB Datasheet HTML 6Page - Maxim Integrated Products DS1330AB Datasheet HTML 7Page - Maxim Integrated Products DS1330AB Datasheet HTML 8Page - Maxim Integrated Products DS1330AB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1330Y/AB
4 of 10
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
Commercial:
0°C to +70°C
Industrial:
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (soldering, 10s)
+260°C
Soldering Temperature (reflow)
+260°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1330AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1330Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ± 5% for DS1330AB)
(TA: See Note 10) (VCC = 5V ± 10% for DS1330Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH ≤ VCC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
14
Output Current @ 0.4V
IOL
2.0
mA
14
Standby Current CE =2.2V
ICCS1
200
600
µA
Standby Current CE =VCC-0.5V
ICCS2
50
150
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1330AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1330Y)
VTP
4.25
4.37
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com