Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20455MB-I Datasheet(PDF) 7 Page - STMicroelectronics

Part # MTC20455MB-I
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455MB-I Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MTC20455MB-I Datasheet HTML 3Page - STMicroelectronics MTC20455MB-I Datasheet HTML 4Page - STMicroelectronics MTC20455MB-I Datasheet HTML 5Page - STMicroelectronics MTC20455MB-I Datasheet HTML 6Page - STMicroelectronics MTC20455MB-I Datasheet HTML 7Page - STMicroelectronics MTC20455MB-I Datasheet HTML 8Page - STMicroelectronics MTC20455MB-I Datasheet HTML 9Page - STMicroelectronics MTC20455MB-I Datasheet HTML 10Page - STMicroelectronics MTC20455MB-I Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
MTC20455
Figure 3. LFBGA160 package pin out (Sachem4 top view)
Table 4. LFBGA 160 pin list
Pin #
Signal Name
Signal
type
Technology
Description
B1
VSS
G
A1
AD_00
B
BD8STARP_TC
Address/Data Bus
C3
AD_01
B
BD8STARP_TC
Address/Data Bus
C2
AD_02
B
BD8STARP_TC
Address/Data Bus
D2
AD_03
B
BD8STARP_TC
Address/Data Bus
C1
VDDIO
P
VSSIO+3.3V
D4
AD_04
B
BD8STARP_TC
Address/Data Bus
D3
AD_05
B
BD8STARP_TC
Address/Data Bus
E2
AD_06
B
BD8STARP_TC
Address/Data Bus
D1
AD_07
B
BD8STARP_TC
Address/Data Bus
E4
VSSIO
G
F3
AD_08
B
BD8STARP_TC
Address/Data Bus
F2
AD_09
B
BD8STARP_TC
Address/Data Bus
E1
AD_10
B
BD8STARP_TC
Address/Data Bus
E3
AD_11
B
BD8STARP_TC
Address/Data Bus
123456789
10
11
12
13
14
AD_0
VDD_7
U_TXDATA_4 U_TXDATA_0
VDD_5
U_TXADDR_1
U_TXCLAV
U_TXSOC
AFTXD_3_1
MCLK_3
AFRXD_3_3
AFRXD_3_0
VSS_2
AFRESET_3
A
VSS_7
U_TXREFB
U_TXDATA_7 U_TXDATA_5 U_TXDATA_2 COMP_CELL U_TXADDR_2
U_TXENBB
VDDIO_4
AFTXD_3_0
CLWD_3
PDOWN_3
AFTXD_2_3
VDD_2
B
VDDIO_8
AD_2
AD_1
U_TXDATA_6 U_TXDATA_3
VSS_6
U_TXADDR_3
VSS_4
AFTXD_3_3
VSS_3
VDD_3
AFRXD_3_2
AFTXD_2_2
VSS_1
C
AD_7
AD_3
AD_5
AD_4
U_TXDATA_1 U_TXADDR_4 U_TXADDR_0
U_TXCLK
AFTXD_3_2 CTRLDATA_3 AFTXD_2_0
AFRXD_3_1
AFTXD_2_1
VDD_1
D
AD_10
AD_6
AD_11
VSS_8
open
open
open
open
open
open
MCLK_2
CTRLDATA_2
CLWD_2
AFRXD_2_1
E
AD_12
AD_9
AD_8
VDD_9
open
open
open
open
open
open
AFRXD_2_0
AFRXD_2_3
AFRXD_2_2
AFRESET_2
F
VSS_9
AD_13
AD_14
AD_15
open
open
open
open
open
open
GP_IN
VDDIO_0
PDOWN_2
AFTXD_1_2
G
ALE
PCLK
BE
VDD_10
open
open
open
open
open
open
AFTXD_1_1
VSS_0
AFTXD_1_3
VSS_17
H
CSB_2
CSB_0
CSB_1
WR_RDB
open
open
open
open
open
open
MCLK_1
CTRLDATA_1 AFTXD_1_0
CLWD_1
J
RDYB
CSB_3
VSS_10
VDD_11
open
open
open
open
open
open
AFRXD_1_2
AFRXD_1_3
VDD_17
AFRXD_1_1
K
INTB_1
OBC_TYPE
INTB_0
TCK
U_RXDATA_0 U_RXDATA_4
VDDIO_13
U_RXCLAV U_RXADDR_2AFRESET_0
PDOWN_1
AFRESET_1 AFRXD_1_0
VDDIO_16
L
INTB_3
INTB_2
TDI
VSS_12
U_RXDATA_1 U_RXDATA_5
U_RXSOC
U_RXADDR_1
VSS_14
AFRXD_0_2
AFRXD_0_0
AFTXD_0_2
AFTXD_0_3
AFTXD_0_1
M
VSS_11
RESETB
TMS
TESTSE
U_RXDATA_2 U_RXDATA_6
U_RXCLK
VDD_14
U_RXADDR_4AFRXD_0_1
VSS_15
MCLK_0
AFTXD_0_0
VSS_16
N
VDD_12
TDO
TRSTB
VSS_13
U_RXDATA_3 U_RXDATA_7
U_RXENBB U_RXADDR_0 U_RXADDR_3 PDOWN_0
AFRXD_0_3
CLWD_0
VDD_15
CTRLDATA_0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com