Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS014C Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS014C
Description  Multi-Frequency Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS014C Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS014C Datasheet HTML 1Page - Balluff Korea Ltd. BIS014C Datasheet HTML 2Page - Balluff Korea Ltd. BIS014C Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi-Frequency Processor
BIS V-6106-034-C102
Order Code: BIS014C
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 238707
ETIM 6.0: EC002998
BIS014C_3.34_2021-09-16
2 / 3
Electrical data
Current consumption typ. at 24 V DC 150 mA
EN 61000-4-2/4/5/6
Severity level 2A/2A/1A/2A
IO-Link function
Master (max. 500 mA)
Nominal voltage
24 VDC
Operating voltage Ub
24 V DC LPS Class 2
Residual ripple max.
10 %
Environmental conditions
Ambient temperature
0 °C...60 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
EN 61000-4-3 (1400...2000 MHz)
Severity level 3A
EN 61000-4-3 (2000...2700MHz)
Severity level 2A
EN 61000-4-3, 80...1000 MHz
Severity level 3A
IP rating
IP65, with connector
Functional safety
MTTF (40 °C)
18.5 a
Interface
Interface
Ethernet/IP
IO-Link 1.1
Material
Housing material
Zinc, Die casting
Mechanical data
Application weight
750.00 g
Dimension
48 x 62 x 172 mm
Remarks
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
Current consumption when 4 read/write heads and IO-Link device are connected to the IO-Link port max. 2 A
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com