Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH344IDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH344IDT
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344IDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH344IDT Datasheet HTML 6Page - STMicroelectronics TSH344IDT Datasheet HTML 7Page - STMicroelectronics TSH344IDT Datasheet HTML 8Page - STMicroelectronics TSH344IDT Datasheet HTML 9Page - STMicroelectronics TSH344IDT Datasheet HTML 10Page - STMicroelectronics TSH344IDT Datasheet HTML 11Page - STMicroelectronics TSH344IDT Datasheet HTML 12Page - STMicroelectronics TSH344IDT Datasheet HTML 13Page - STMicroelectronics TSH344IDT Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Using the TSH344 to Drive RGB Video Components
TSH344
10/14
Rev. 2
4
Using the TSH344 to Drive RGB Video Components
Figure 27. Shapes of video signals coming from DACs
Figure 28. Implementation of the video driver on output video DACs
0 IRE
Black Level
Image Content
30 IRE
White Level
100 IRE
1Vp-p
300mV
0Volt
DAC Outputs: RGB
+5V
75
Ω
75
Ω Cable
75
Ω
Video
DAC
LPF
Reconstruction
Filtering
R
75
Ω
75
Ω Cable
75
Ω
Video
DAC
G
75
Ω
Video
DAC
B
TV
TSH344
75
Ω Cable
75
Ω
+6dB
LPF
Reconstruction
Filtering
+6dB
LPF
Reconstruction
Filtering
+6dB
300mV
0.7Vp-p
Content of the
video signal
0V
600mV
1.4Vp-p
0V
Amplifier output rail
(70mV max.)
300mV
0.7Vp-p
0V
0.7Vpp
1.4Vpp
0.7Vpp
0.7Vpp
1.4Vpp
0.7Vpp
0.7Vpp
1.4Vpp
0.7Vpp
Amplifier output rail
(3.7V min.)
2.6V
-5V
(1) DAC output
(2) Amplifier output
(3) On the line
+5V
75
Ω
75
Ω Cable
75
Ω
Video
DAC
LPF
Reconstruction
Filtering
R
75
Ω
75
Ω Cable
75
Ω
Video
DAC
G
75
Ω
Video
DAC
B
TV
TSH344
75
Ω Cable
75
Ω
+6dB
LPF
Reconstruction
Filtering
+6dB
LPF
Reconstruction
Filtering
+6dB
300mV
0.7Vp-p
Content of the
video signal
0V
600mV
1.4Vp-p
0V
Amplifier output rail
(70mV max.)
300mV
0.7Vp-p
0V
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
Amplifier output rail
(3.7V min.)
2.6V
-5V
(1) DAC output
(2) Amplifier output
(3) On the line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com