Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7622ACPD Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 25Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Figure 3. Level Detector—By using the ICL7612 in these
applications, the circuits will follow rail-to-rail inputs.
Figure 5. Precise Triangle/Square Wave Generator—The
frequency and duty cycle are virtually independent of power
supply.
Figure 7. Burn-In and Life Test Circuit
Figure 4. Photocurrent Integrator—Low-leakage currents allow
integration times up to several hours.
Figure 6. Averaging AC to DC Converter—Recommended for
Maxim’s ICL7106/ICL7107/ICL7109 A/D Converters.
Figure 8. Input Guard for TO-99
+
-
VIN
VOUT
TO CMOS OR
LPTTL LOGIC
100kΩ
1MΩ
+5
+5
+
-
+
-
1MΩ
1MΩ
880kΩ
DUTY CYCLE
1
⁄2
ICL7621
1
⁄2
ICL7621
V-
V+
V+
IO
COMP
OUT
V-
+15V
+15V
10kΩ
10kΩ
100Ω
NOTE 1
NOTE 2
NOTES:
1. ICL7611, 7612, 7616, 7631, 7632
2. ICL7611, 7612, 7616, 7621, 7622, 7631, 7641, 7642
ICL7611
+
+
-
-
1µF
IH5040
VOUT
1⁄2
ICL7621
+
-
1⁄2
ICL7621
-
+
10µF
2.2MΩ
20kΩ
1MΩ
20kΩ
1.8kΩ = 5%
SCALE
ADJUST
10kΩ
0.05µF
VIN
COMMON
VON
TO
SUCCEEDING
INPUT
STAGE
VOL
BOTTOM VIEW
IOSET
V
8
1
3
5
7
4
2
6
V+
OUTPUT
GUARD
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com