Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-485DRWBZ Datasheet(PDF) 1 Page - Recom International Power

Part # REC15-485DRWBZ
Description  REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-485DRWBZ Datasheet(HTML) 1 Page - Recom International Power

  REC15-485DRWBZ Datasheet HTML 1Page - Recom International Power REC15-485DRWBZ Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 87
August 2002
Selection Guide
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
15.0
12.0
3.0
6.0
50
25
0
-25
70 90
100
Operating Temperature ˚C
Safe Operating Area
0.0
75
125
9.0
ECONOLINE - DC/DC-Converter
REC15-S/DRWB(Z) Ser., 15W, 2“x 2“, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output)
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
2“ x 2“
(VDC)
(VDC)
(mA)
(%)
REC15-XX05SRWB
9-18, 18-36, 36-72
5
3000
77
REC15-XX12SRWB
9-18, 18-36, 36-72
12
1250
80
REC15-XX15SRWB
9-18, 18-36, 36-72
15
1000
80
REC15-XX24SRWB
9-18, 18-36, 36-72
24
625
81
REC15-XX05DRWB
9-18, 18-36, 36-72
±5
±1500
77
REC15-XX12DRWB
9-18, 18-36, 36-72
±12
±625
80
REC15-XX15DRWB
9-18, 18-36, 36-72
±15
±500
80
REC15-XX05SRWBZ
9-36, 18-72
5
3000
77
REC15-XX12SRWBZ
9-36, 18-72
12
1250
80
REC15-XX15SRWBZ
9-36, 18-72
15
1000
80
REC15-XX24SRWBZ
9-36, 18-72
24
625
77
REC15-XX05DRWBZ
9-36, 18-72
±5
±1500
80
REC15-XX12DRWBZ
9-36, 18-72
±12
±625
80
REC15-XX15DRWBZ
9-36, 18-72
±15
±500
79
XX = 9-18Vin = 12
XX = 18-36Vin = 24
XX = 36-72Vin = 48
XX = 9-36Vin = 24
XX = 18-72Vin = 48
Voltage Setting Accuracy
±1% max.
Temperature Coefficient
±0.02%/°C
Ripple and Noise (20MHz BW)
100mVp-p max.
Line Regulation (HL-LL)
0.2% max.
Load Regulation (Rated Load to no Load)
0.05% max.
Voltage Stability (24 Hrs)
±0.5%
Short Circuit Protection
Continuous
Cooling
Free-Air Convection
Input Filter
Pi Network
Efficiency
75% min.
Isolation Voltage (Tested for 60 Seconds)
1.000VDC min.
Isolation Resistance
109 ohms min.
Switching Frequency at Full Load
200kHz min.
Operating Temperature
-25°C to +70°C (see Graph)
Storage Temperature
-40°C to +100°C
Case Material
Metal Case
● 15W 2“ x 2“ Package
● 9-18V, 18-36V, 36-72V and
9-36V, 18-72V Wide Input Range
● Short Circuit Protection
● Regulated Output
● UL94V-0 Package Material
● Efficiency to 80%
Features


Similar Part No. - REC15-485DRWBZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-485.1S/H2/M RECOM-REC15-485.1S/H2/M Datasheet
116Kb / 2P
15 Watt Single & Dual Output
REC15-485.1SZ/H2/M RECOM-REC15-485.1SZ/H2/M Datasheet
116Kb / 2P
15 Watt Single & Dual Output
More results

Similar Description - REC15-485DRWBZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW5 WALL-LANCW5 Datasheet
231Kb / 3P
Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
10 Watt 2 x 1 Single and Dual Output
logo
Wall Industries,Inc.
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
logo
Recom International Pow...
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
30 Watt 4:1 Input 2 x 1 Single and Dual Output
logo
Vishay Siliconix
DG9415 VISHAY-DG9415_V01 Datasheet
165Kb / 11P
Single 4 x 1 and Dual 2 x 1 Multiplexers
23-May-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com