Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-4812DRWBZ Datasheet(PDF) 2 Page - Recom International Power

Part # REC15-4812DRWBZ
Description  REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-4812DRWBZ Datasheet(HTML) 2 Page - Recom International Power

  REC15-4812DRWBZ Datasheet HTML 1Page - Recom International Power REC15-4812DRWBZ Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 88
www.recom-international.com
ECONOLINE - DC/DC-Converter
REC15-S/DRWB(Z) Ser., 15W, 2“x 2“, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
1
2
3
4
5
1.2ø+0.2/–0.1
2.54
2.54
8.3
11,00
2
1
3
5
4
Bottom View
20.32
15.2
5.12
50.8
50.8
22.82
10.2
10.2
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3+Vout
+Vout
4
No Pin
Common
5–Vout
–Vout
3rd angle
projection
August 2002
Recommended Footprint Details
2“ x 2“ Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com