Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4081 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC4081
Description  We declare that the material of product compliance with RoHS requirements and Halogen Free.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC4081 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC4081 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4081 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC4081 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0.1
1
10
0.1
1
10
100
1
10
100
10
100
1000
024
68
0
3
6
9
12
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0.01
0.1
1
BASE-EMMITER VOLTAGE V
BE
(V)
COMMON EMITTER
V
CE=6V
T
a=25
℃
T
a=100
℃
I
C
——
V
BE
C
ob
C
ib
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E=0/IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
C
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=6V
I
C
h
FE
——
0.5
150
40uA
36uA
32uA
28uA
24uA
20uA
16uA
12uA
8uA
I
B=4uA
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
150
20
150
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
150
Typical Characteristics
110
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
COLLECTOR CURRENT I
(mA)
V
CE=12V
T
a=25
℃
I
C
f
T
——
50
AMBIENT TEMPERATURE T
( )
℃
P
C
——
T
a
2SC4081
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com