Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB1202 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AB1202
Description  Air source type AC pulse ion bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

AB1202 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  AB1202 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd AB1202 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd AB1202 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
防静电专家
上海雷卯电子科技有限公司
1
www.leiditech.com
气源型交流脉冲式离子棒 AB1202
◆ 产品特点
1、为棒型、横置式静电消除器。
2、采用最新除静电专利技术制造。
3、除电速度快、平衡电压低、安全性能高。
4、位于棒体上的 LCD 可显示离子棒工作状态,便于使用与维护。
5、输出电压特性可调整,适用于不同静电环境。
6、具备离子量、电极针清洁、高压故障报警提示功能。
◆ 行 业 应 用
可广泛应用于电子、塑胶、化工、印刷、纺织、光电等行业。
◆ 性 能 参 数
产品型号 AB1202
输出电压 DC±4,±4.25,±4.5,±4.75,±5,±5.25,±5.5,±5.75,±6,±6.25(
KV)
输出频率 0.1,0.3,1,3,5,8,10,20,30,50(Hz)
占空因数 34%-64%
功
率 10W
工作距离 50-2500mm
离子平衡 ≤|±30V|(调节)
消电时间 ≤2S(调节)
工作温度 0℃-50℃


Similar Part No. - AB1202

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB120 LUMILEDS-AB120 Datasheet
2Mb / 27P
Assembly and Handling Information
logo
List of Unclassifed Man...
AB1205-5 ETC2-AB1205-5 Datasheet
627Kb / 20P
4 Port Cascadeable 100base and ATM Repeater Hub
AB1206LC ETC-AB1206LC Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Microdiode Semiconducto...
AB120S CHENDA-AB120S Datasheet
676Kb / 2P
4 0 to 200 Volts Current - 1.0 Ampere
AB120S CHENDA-AB120S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB1202

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AB1212 LEIDITECH-AB1212 Datasheet
266Kb / 2P
Air source type AC pulse ion bar
AC5001 LEIDITECH-AC5001 Datasheet
357Kb / 3P
High-voltage coupling ion bar
AC5002 LEIDITECH-AC5002 Datasheet
368Kb / 3P
Air source type high pressure coupling ion rod
AC5202 LEIDITECH-AC5202 Datasheet
267Kb / 3P
Shielded gas source ion bar
AC5401 LEIDITECH-AC5401 Datasheet
304Kb / 3P
No gas source type high power ion bar
AC5402 LEIDITECH-AC5402 Datasheet
317Kb / 3P
Air source type high power ion bar
AC5601 LEIDITECH-AC5601 Datasheet
282Kb / 3P
AC integral non-air source ion bar
AC5602 LEIDITECH-AC5602 Datasheet
484Kb / 3P
AC integral non-air source ion bar
AC5702 LEIDITECH-AC5702 Datasheet
260Kb / 3P
Modular air source ion bar
DC5701-180 LEIDITECH-DC5701-180 Datasheet
291Kb / 3P
High-voltage coupling ion bar
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com