Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8D-7 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 8D-7
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

8D-7 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 8D-7 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 8D-7 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev 2.0 :
www.leiditech.com
12.01.2019
7/24
10D-15
⑶ 材料(Materials)
①、封装材料(
Wrapper)
:酚醛树脂(
Modified phenolic resin)
②、引线(
Down-lead) :CP 线(CP Wire)
③、颜色(
Coating color) : 黑色(Black)
印字方式
NTC
负温度系数热敏电阻器 NTC thermistor
10
额定零功率电阻值
10
Ω
D
圆片型 Disk-Type
15
直径 15
±1(mm)
4.2、主要技术参数(Parameters of Technology):
① 25℃时零功率电阻值(Ω)( Zero Power Resistance at 25℃)
:10±
20%
② 热时间常数(S) (Thermal
Time Constant):
75
③ 热耗散系数(mW/℃)(Thermal
Dissipation Constant ):
20
④ 工作温度(℃)(
Operating Temperature)
:
-40~+200
⑤ 最大稳态电流(A)(
Max Steady State Current)
:
5
⑥ 最大允许使用容量值(240Vac) :
:470F
Maximum allowable capacity value (240Vac)
:470F
⑦ 绝缘电阻值 :>1000 MΩ,将热敏电阻的引出端连接起来作为一个电极,金属箔
作为另一个电极,在两电极间施加直流电压 100V±15V 测量两个电极间的绝缘电阻,
施加电压的时间为 1min,绝缘电阻不小于 1000 MΩ;
Insulation resistance: 1000 MΩ ohm, the terminal of the thermistor connected as an
electrode, metal foil as another electrode, 100V ± 15V DC voltage is applied between the
two electrodes measure the insulation resistance between the two electrodes, the voltage
applied to the time of 1min, the insulation resistance of not less than 1000 MΩ;
⑧ 耐电压 :将热敏电阻的引出端连接起来作为一个电极,金属箔作为另一个电极,
在两电极间施加一个频率为 40Hz-60Hz,取规定绝缘电压 1.4 倍的 AC 电压(AC500V)为
峰值电压,持续时间为 60s±5s,电压应近似于 100V∕s 的速率逐步施加,热敏电阻器
NTC
10D-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com