Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC5001 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AC5001
Description  High-voltage coupling ion bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

AC5001 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  AC5001 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd AC5001 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd AC5001 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
防静电专家
上海雷卯电子科技有限公司
1
www.leiditech.com
高压耦合式离子棒 AC5001
◆ 产品特点
1、为棒型、横置式静电消除器。
2、采用最新除静电专利技术制造。
3、除电速度快、平衡电压低、安全性能更高。
4、具有不短路、不打火、不触电的优异特性。
5、棒体背部特制条形槽口,安装螺栓可移动。
◆ 行 业 应 用
可广泛应用于电子、塑胶、化工、印刷、纺织、光电等行业。
◆ 性 能 参 数
型
号
AC5001
工作电压
AC4000-7000V(视棒体长短而定)
功
率
28W
工作距离
20-100mm
离子平衡
≤ |±50V|
消电速度
≤0.3S
工作温度
0°C - 50°C


Similar Part No. - AC5001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC500101 MICROCHIP-AC500101 Datasheet
547Kb / 2P
High Density EERAM Evaluation Kit
More results

Similar Description - AC5001

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AB1202 LEIDITECH-AB1202 Datasheet
573Kb / 3P
Air source type AC pulse ion bar
AB1212 LEIDITECH-AB1212 Datasheet
266Kb / 2P
Air source type AC pulse ion bar
AC5002 LEIDITECH-AC5002 Datasheet
368Kb / 3P
Air source type high pressure coupling ion rod
AC5202 LEIDITECH-AC5202 Datasheet
267Kb / 3P
Shielded gas source ion bar
AC5401 LEIDITECH-AC5401 Datasheet
304Kb / 3P
No gas source type high power ion bar
AC5402 LEIDITECH-AC5402 Datasheet
317Kb / 3P
Air source type high power ion bar
AC5601 LEIDITECH-AC5601 Datasheet
282Kb / 3P
AC integral non-air source ion bar
AC5602 LEIDITECH-AC5602 Datasheet
484Kb / 3P
AC integral non-air source ion bar
AC5702 LEIDITECH-AC5702 Datasheet
260Kb / 3P
Modular air source ion bar
DC5701-180 LEIDITECH-DC5701-180 Datasheet
291Kb / 3P
High-voltage coupling ion bar
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com