Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21H Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAS21H
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAS21H Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAS21H Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS21H Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAS21H Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-323
Silicon Epitaxial Planar Diode
BAS21H
Rev 2.0 :
www.leiditech.com
01.09.2021
1/3
FEATURES
Fast Switching Speed.
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
High Conductance
APPLICATIONS
Surface mount fast switching diode
ORDERING INFORMATION
Device Marking:T3
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
BAS21H
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0 μs
@t=1.0 s
IFSM
2.5
0.5
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air
RθJA
625
℃
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to+150
℃
Package:SOD-323
Quantity Per Reel:3,000pcs


Similar Part No. - BAS21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
SeCoS Halbleitertechnol...
BAS21H SECOS-BAS21H Datasheet
136Kb / 2P
Surface Mount Switching Diode
logo
Shenzhen Luguang Electr...
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
More results

Similar Description - BAS21H

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com