Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3645EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3645EEE
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3645EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
_______________________________________________________________________________________
3
Note 1: Between sensitivity and overload, the output amplitude is >95% of the fully limited amplitude and all AC specifications are met.
Note 2: Guaranteed by design and characterization.
Note 3: Noise is derived from BER measurement.
Note 4: The data input transition time is controlled by a 4th-order Bessel filter with f-3dB = 0.75
× data rate.
Note 5: PWD = [(width of wider pulse) - (width of narrower pulse)] / 2, measured with 155Mbps 0011 pattern.
Note 6: All LOS specifications are measured using a 155Mbps 223 - 1 PRBS pattern.
Note 7: The signal at the input is switched between two amplitudes, SIGNAL_ON and SIGNAL_OFF, as shown in Figure 1.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +5.5V, PECL outputs are terminated with 50
Ω to VCC - 2V, RTH = 100Ω, CAZ = 0.1µF, CSD = 1nF, TA = -40°C to
+85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSFER CHARACTERISTICS
Bandwidth
Gain = 60dB
150
250
MHz
CAZ = open
500
Low-Frequency Cutoff
CAZ = 0.1µF
0.5
kHz
LOSS-OF-SIGNAL SPECIFICATIONS (Notes 2, 4, 6)
LOS Sensitivity Range
0
Ω ≤ RTH ≤ 2kΩ
220
mVP-P
LOS Hysteresis
10log (VDEASSERT/VASSERT)
1.4
2
dB
LOS Assert/Deassert Time
(Note 7)
2.3
80.0
µs
RTH = 0
Ω, low setting
0.5
0.9
1.3
RTH = 1k
Ω, medium setting
4.8
6.6
8.3
LOS Assert Level
RTH = 2k
Ω, high setting
12
17
22
mVP-P
RTH = 0
Ω, low setting
1.1
1.5
1.9
RTH = 1k
Ω, medium setting
8.0
10.8
13.5
LOS Deassert Level
RTH = 2k
Ω, high setting
20
28
36
mVP-P
Signal-Dectect Filter Resistance
RSD
Pin 7
14
20
26
k
Ω
Figure 1. Signal Levels for LOS Assert/Deassert Time
Measurement
TIME
VIN
MAXIMUM DEASSERT LEVEL
1dB
6dB
MAXIMUM POWER-DETECT WINDOW
SIGNAL ON
SIGNAL OFF
MINIMUM ASSERT LEVEL
0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com