Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243EUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3243EUI
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3243EUI Datasheet HTML 1Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 2Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 3Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 4Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 5Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 6Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 7Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3221/MAX3223/MAX3243’s internal power supply
consists of a regulated dual charge pump that provides
output voltages of +5.5V (doubling charge pump) and
-5.5V (inverting charge pump), regardless of the input
voltage (VCC) over the +3.0V to +5.5V range. The charge
pumps operate in a discontinuous mode: if the output
voltages are less than 5.5V, the charge pumps are
enabled; if the output voltages exceed 5.5V, the charge
pumps are disabled. Each charge pump requires a flying
capacitor (C1, C2) and a reservoir capacitor (C3, C4) to
generate the V+ and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that
convert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
They guarantee a 120kbps data rate with worst-case
loads of 3kΩ in parallel with 1000pF, providing compatibility with
PC-to-PC communication software (such as Laplink™).
Typically, the MAX3221/MAX3223/MAX3243 can operate
at data rates of 235kbps. Transmitters can be paralleled
to drive multiple receivers or mice (MAX3243). Figure 1
shows a complete system connection.
When FORCEOFF is driven to ground, or the auto-shut-
down circuitry senses invalid voltage levels at all receiver
inputs, the transmitters are disabled and the outputs are
forced into a high-impedance state.
LapLink is a trademark of Traveling Software.
PIN
NAME
FUNCTION
MAX3221
MAX3223
MAX3243
1
1
—
EN
Receiver Enable Control. Drive low for normal operation. Drive high to
force the receiver outputs into a high-Z state.
5
5
1
C2+
Positive terminal of inverting charge-pump capacitor
6
6
2
C2-
Negative terminal of inverting charge-pump capacitor
7
7
3
V-
-5.5V generated by the charge pump
8
9, 16
4–8
R_IN
RS-232 Receiver Inputs
13
8, 17
9, 10, 11
T_OUT
RS-232 Transmitter Outputs
11
12, 13
12, 13, 14
T_IN
TTL/CMOS Transmitter Inputs
9
10, 15
15–19
R_OUT
TTL/CMOS Receiver Outputs
—
—
20
R2OUTB
Noninverting Receiver Output—active in shutdown
10
11
21
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is
present on receiver inputs logic “1”.
16
20
22
FORCEOFF
Drive low to shut down transmitters and on-board power supply.
This overrides all automatic circuitry and FORCEON (Table 1).
12
14
23
FORCEON
Drive high to override automatic circuitry keeping transmitters on
(FORCEOFF must be high) (Table 1).
4
4
24
C1-
Negative terminal of the voltage doubler charge-pump capacitor
14
18
25
GND
Ground
15
19
26
VCC
+3.0V to +5.5V Supply Voltage
3
3
27
V+
+5.5V generated by the charge pump
2
2
28
C1+
Positive terminal of the voltage doubler charge-pump capacitor
Pin Description
MAX3221/MAX3223/
MAX3243
+3V to +5.5V RS-232
Transceivers with AutoShutdown
www.maximintegrated.com
Maxim Integrated │ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com