Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3085E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3085E
Description  짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3085E Datasheet HTML 1Page - Maxim Integrated Products MAX3085E Datasheet HTML 2Page - Maxim Integrated Products MAX3085E Datasheet HTML 3Page - Maxim Integrated Products MAX3085E Datasheet HTML 4Page - Maxim Integrated Products MAX3085E Datasheet HTML 5Page - Maxim Integrated Products MAX3085E Datasheet HTML 6Page - Maxim Integrated Products MAX3085E Datasheet HTML 7Page - Maxim Integrated Products MAX3085E Datasheet HTML 8Page - Maxim Integrated Products MAX3085E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±15kV ESD-Protected, Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX3080E/MAX3081E/MAX3082E, and MAX3089E
with SRL = Unconnected
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
500
2030
2600
tDPHL
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Disable Time from Low
tDLZ
100
ns
Driver Enable to Output Low
tDZL
3500
ns
Driver Enable to Output High
tDZH
3500
ns
Maximum Data Rate
fMAX
115
kbps
Driver Disable Time from High
tDHZ
100
ns
Receiver Input to Output
tRPLH,
tRPHL
127
200
ns
| tRPLH - tRPHL | Differential
Receiver Skew
tRSKD
3±30
ns
Receiver Enable to Output Low
tRZL
20
50
ns
Driver Output Skew
| tDPLH - tDPHL |
Driver Input-to-Output
tDPLH
500
2030
2600
ns
tDSKEW
-3
±200
ns
Driver Rise or Fall Time
tDR, tDF
667
1320
2500
ns
Receiver Enable to Output High
tRZH
20
50
ns
Receiver Disable Time from Low
tRLZ
20
50
ns
Receiver Disable Time from
High
tRHZ
20
50
ns
Time to Shutdown
tSHDN
50
200
600
ns
Driver Enable from Shutdown to
Output High
tDZH(SHDN)
6000
ns
Driver Enable from Shutdown to
Output Low
tDZL(SHDN)
6000
ns
Receiver Enable from Shutdown-
to-Output High
tRZH(SHDN)
3500
ns
Receiver Enable from Shutdown-
to-Output Low
tRZL(SHDN)
3500
ns
CONDITIONS
Figures 6 and 12, CL = 100pF, S2 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 8 and 10, CL = 100pF, S1 closed
Figures 8 and 10, CL = 100pF, S2 closed
Figures 8 and 10, CL = 15pF, S2 closed
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
Figures 6 and 12, CL = 100pF, S2 closed
(Note 5)
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
Figures 6 and 12, CL = 100pF, S1 closed
Figures 8 and 10, CL = 15pF, S2 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 6 and 12, CL = 100pF, S2 closed
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 6 and 12, CL = 100pF, S1 closed
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com