Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1102 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1102 Datasheet HTML 1Page - Maxim Integrated Products MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
8-Bit CODECs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Throughput Rate
ADC in continuous conversion mode
25
ksps
DAC DC ACCURACY
Resolution
8
Bits
Relative Accuracy
(Note 2)
INL
±1/4
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1/4
±1
LSB
Offset Error
±30
mV
MAX1102/MAX1103
±5
%
Gain Error
(Note 3)
MAX1104
±30
mV
DAC DYNAMIC SPECIFICATIONS (fOUT = 1kHz SINE WAVE, VOUT = 0.9 ✕ VREFp-p)
Spurious-Free Dynamic Range
SFDR
55
dB
Total Harmonic Distortion
THD
53
dB
Small-Signal Bandwidth
1
MHz
Full-Power Bandwidth
72
kHz
DAC Wake-Up Time from
Standby (Note 4)
Reference enabled (MAX1102/MAX1103)
10
µs
MAX1102/MAX1103
200
DAC Wake-Up Time from Full
Shutdown (Note 4)
MAX1104
10
µs
DAC OUTPUT
Full-Scale Swing
MAX1104
0
VDD -
0.1
V
Settling Time (Note 5)
Settle to within
±1/2 LSB
11
µs
Slew Rate
1.2
Vµs
Load Regulation
RL open to 10k
Ω
0 < VOUT < VDD - 0.1V
0.05
LSB
LOGIC INPUTS AND OUTPUTS (DIN, SLCK,
CS)
Input High Voltage
VIH
VDD x
0.7
V
Input Low Voltage
VIL
VDD x
0.3
V
Input Current
VLOGIC = VGND or VDD
±0.1
±5
µA
Digital Input Hysteresis
0.5
V
Digital Input Capacitance
15
pF
Output High Voltage
VOH
ISOURCE = 1.0mA
VDD x
0.9
V
Output Low Voltage
VOL
ISINK = 1.0mA
VDD x
0.1
V
Three-State Leakage
ILEAK
±5.0
µA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1102), VDD = +4.5V to +5.5V (MAX1103), VDD = +2.7V to +5.5V (MAX1104), fSCLK = 6.0MHz (50% duty
cycle), ROUT = 10kΩ, COUT = 100pF, TA = TMIN to TMAX. Typical values are at TA = +25°C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com