Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY25Q128AS Datasheet(PDF) 53 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BY25Q128AS
Description  128M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BY25Q128AS Datasheet(HTML) 53 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button BY25Q128AS Datasheet HTML 49Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 50Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 51Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 52Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 53Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 54Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 55Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 56Page - Shanghai Leiditech Electronic Technology Co., Ltd BY25Q128AS Datasheet HTML 57Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
July 2020
Rev 1.5
53 / 73
Instructions Description
BY25Q128AS
7.4.5
32KB Block Erase (52H)
The 32KB Block Erase instruction is for erasing the all data of the chosen block. A Write Enable
instruction must previously have been executed to set the Write Enable Latch bit. The 32KB Block
Erase instruction is entered by driving /CS low, followed by the instruction code, and 3-byte address
on SI. Any address inside the block is a valid address for the 32KB Block Erase instruction. /CS
must be driven low for the entire duration of the sequence.
See Figure 38, the 32KB Block Erase instruction sequence: /CS goes low ->sending 32KB Block
Erase instruction ->3-byte address on SI ->/CS goes high. /CS must be driven high after the eighth
bit of the last address byte has been latched in; otherwise the 32KB Block Erase instruction is not
executed. As soon as /CS is driven high, the self-timed Block Erase cycle (whose duration is tBE)
is initiated. While the Block Erase cycle is in progress, the Status Register may be read to check
the value of the Write in Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-
timed Block Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle
is completed, the Write Enable Latch bit is reset. A 32KB Block Erase instruction applied to a block
which is protected by the Block Protect (BP4, BP3, BP2, BP1, BP0) bits (see Table 5&6) is not
executed.
Figure 38. 32KB Block Erase Sequence Diagram
/CS
SCLK
SI
52H
Instruction
23 22
2
1
0
24-Bit Address
0
1
2
3
4
5
6
7
8
9
29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com