Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCIMX6DP4EYM8AB Datasheet(PDF) 99 Page - NXP Semiconductors

Part # SCIMX6DP4EYM8AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4EYM8AB Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button SCIMX6DP4EYM8AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 99Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 100Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6DP4EYM8AB Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
99
There are special physical outputs to provide synchronous controls:
•
The ipp_disp_clk is a dedicated base synchronous signal that is used to generate a base display
(component, pixel) clock for a display.
•
The ipp_pin_1– ipp_pin_7 are general purpose synchronous pins, that can be used to provide
HSYNC, VSYNC, DRDY or any else independent signal to a display.
The IPU has a system of internal binding counters for internal events (such as, HSYNC/VSYNC)
calculation. The internal event (local start point) is synchronized with internal DI_CLK. A suitable control
starts from the local start point with predefined UP and DOWN values to calculate control’s changing
points with half DI_CLK resolution. A full description of the counter system can be found in the IPU
chapter of the i.MX 6DualPlus/6QuadPlus reference manual (IMX6DQPRM).
4.12.10.5.2 Asynchronous Controls
The asynchronous control is a data-oriented signal that changes its value with an output data according to
additional internal flags coming with the data.
There are special physical outputs to provide asynchronous controls, as follows:
•
The ipp_d0_cs and ipp_d1_cs pins are dedicated to provide chip select signals to two displays.
•
The ipp_pin_11– ipp_pin_17 are general purpose asynchronous pins, that can be used to provide
WR. RD, RS or any other data-oriented signal to display.
NOTE
The IPU has independent signal generators for asynchronous signals
toggling. When a DI decides to put a new asynchronous data on the bus, a
new internal start (local start point) is generated. The signal generators
calculate predefined UP and DOWN values to change pins states with half
DI_CLK resolution.
4.12.10.6 Synchronous Interfaces to Standard Active Matrix TFT LCD Panels
4.12.10.6.1 IPU Display Operating Signals
The IPU uses four control signals and data to operate a standard synchronous interface:
•
IPP_DISP_CLK—Clock to display
•
HSYNC—Horizontal synchronization
•
VSYNC—Vertical synchronization
•
DRDY—Active data
All synchronous display controls are generated on the base of an internally generated “local start point”.
The synchronous display controls can be placed on time axis with DI’s offset, up and down parameters.
The display access can be whole number of DI clock (Tdiclk) only. The IPP_DATA can not be moved
relative to the local start point. The data bus of the synchronous interface is output direction only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com