| Electronic Components Datasheet Search |
|
SCIMX6DP7CVT1AB Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP7CVT1AB Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 168 page ![]() Modules List i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 NXP Semiconductors 13 GPU3Dv6 Graphics Processing Unit-3D, ver. 6 Multimedia Peripherals The GPU2Dv6 provides hardware acceleration for 3D graphics algorithms with sufficient processor power to run desktop quality interactive graphics applications on displays up to HD1080 resolution. The GPU3D provides OpenGL ES 3.0, including extensions, OpenGL ES 2.0, OpenGL ES 1.1, and OpenVG 1.1 GPUVGv2 Vector Graphics Processing Unit, ver. 2 Multimedia Peripherals OpenVG graphics accelerator provides OpenVG 1.1 support as well as other accelerations, including Real-time hardware curve tesselation of lines, quadratic and cubic Bezier curves, 16x Line Anti-aliasing, and various Vector Drawing functions. HDMI Tx HDMI Tx interface Multimedia Peripherals The HDMI module provides HDMI standard interface port to an HDMI 1.4 compliant display. HSI MIPI HSI interface Connectivity Peripherals The MIPI HSI provides a standard MIPI interface to the applications processor. I2C-1 I2C-2 I2C-3 I2C Interface Connectivity Peripherals I2C provide serial interface for external devices. Data rates of up to 400 kbps are supported. IOMUXC IOMUX Control System Control Peripherals This module enables flexible IO multiplexing. Each IO pad has default and several alternate functions. The alternate functions are software configurable. IPUv3H-1 IPUv3H-2 Image Processing Unit, ver. 3H Multimedia Peripherals IPUv3H enables connectivity to displays and video sources, relevant processing and synchronization and control capabilities, allowing autonomous operation. The IPUv3H supports concurrent output to two display ports and concurrent input from two camera ports, through the following interfaces: • Parallel Interfaces for both display and camera • Single/dual channel LVDS display interface • HDMI transmitter • MIPI/DSI transmitter • MIPI/CSI-2 receiver The processing includes: • Image conversions: resizing, rotation, inversion, and color space conversion • A high-quality de-interlacing filter • Video/graphics combining • Image enhancement: color adjustment and gamut mapping, gamma correction, and contrast enhancement • Support for display backlight reduction KPP Key Pad Port Connectivity Peripherals KPP Supports 8 x 8 external key pad matrix. KPP features are: • Open drain design • Glitch suppression circuit design • Multiple keys detection • Standby key press detection Table 2. i.MX 6DualPlus/6QuadPlus Modules List (continued) Block Mnemonic Block Name Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |