Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34451 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX34451
Description  PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34451 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX34451 Datasheet HTML 17Page - Maxim Integrated Products MAX34451 Datasheet HTML 18Page - Maxim Integrated Products MAX34451 Datasheet HTML 19Page - Maxim Integrated Products MAX34451 Datasheet HTML 20Page - Maxim Integrated Products MAX34451 Datasheet HTML 21Page - Maxim Integrated Products MAX34451 Datasheet HTML 22Page - Maxim Integrated Products MAX34451 Datasheet HTML 23Page - Maxim Integrated Products MAX34451 Datasheet HTML 24Page - Maxim Integrated Products MAX34451 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Table 3. PMBus Command Codes
CODE
COMMAND NAME
TYPE
PAGE
NO. OF
BYTES
FLASH
STORED/
LOCKED
(NOTE 2)
DEFAULT
VALUE
(NOTE 2)
0–11
12–15 16–20
255
(NOTE 1)
00h
PAGE
R/Wbyte
R/W
R/W
R/W
R/W
1
N/N
00h
01h
OPERATION
R/Wbyte
R/W
W
1
N/N
00h
02h
ON_OFF_CONFIG
R/Wbyte
R/W
R/W
R/W
R/W
1
Y/Y
1Ah
03h
CLEAR_FAULTS
Sendbyte
W
W
W
W
0
N/N
—
10h
WRITE_PROTECT
R/Wbyte
R/W
R/W
R/W
R/W
1
N/Y
00h
11h
STORE_DEFAULT_ALL
Sendbyte
W
W
W
W
0
N/Y
—
12h
RESTORE_DEFAULT_ALL
Sendbyte
W
W
W
W
0
N/Y
—
19h
CAPABILITY
Readbyte
R
R
R
R
1
N/N
20h/30h
20h
VOUT_MODE
Readbyte
R
R
R
R
1
FIXED/N
40h
25h
VOUT_MARGIN_HIGH
R/Wword
R/W
—
—
—
2
Y/Y
0000h
26h
VOUT_MARGIN_LOW
R/Wword
R/W
—
—
—
2
Y/Y
0000h
2Ah
VOUT_SCALE_MONITOR
R/Wword
R/W
R/W
—
—
2
Y/Y
7FFFh
38h
IOUT_CAL_GAIN
R/Wword
R/W
R/W
—
—
2
Y/Y
0000h
40h
VOUT_OV_FAULT_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
7FFFh
42h
VOUT_OV_WARN_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
7FFFh
43h
VOUT_UV_WARN_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
0000h
44h
VOUT_UV_FAULT_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
0000h
46h
IOUT_OC_WARN_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
7FFFh
4Ah
IOUT_OC_FAULT_LIMIT
R/Wword
R/W
R/W
—
—
2
Y/Y
7FFFh
4Fh
OT_FAULT_LIMIT
R/Wword
—
—
R/W
—
2
Y/Y
7FFFh
51h
OT_WARN_LIMIT
R/Wword
—
—
R/W
—
2
Y/Y
7FFFh
5Eh
POWER_GOOD_ON
R/Wword
R/W
R/W
—
—
2
Y/Y
0000h
5Fh
POWER_GOOD_OFF
R/Wword
R/W
R/W
—
—
2
Y/Y
0000h
60h
TON_DELAY
R/Wword
R/W
—
—
—
2
Y/Y
0000h
62h
TON_MAX_FAULT_LIMIT
R/Wword
R/W
—
—
—
2
Y/Y
FFFFh
64h
TOFF_DELAY
R/Wword
R/W
—
—
—
2
Y/Y
0000h
79h
STATUS_WORD
Readword
R
R
R
R
2
N/N
0000h
7Ah
STATUS_VOUT
Readbyte
R
R
—
—
1
N/N
00h
7Bh
STATUS_IOUT
Readbyte
R
R
—
—
1
N/N
00h
7Dh
STATUS_TEMPERATURE
Readbyte
—
—
R
—
1
N/N
00h
7Eh
STATUS_CML
Readbyte
R
R
R
R
1
N/N
00h
MAX34451
PMBus 16-Channel V/I Monitor and
12-Channel Sequencer/Marginer
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com