Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX32630 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32630
Description  Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32630 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32630 Datasheet HTML 1Page - Maxim Integrated Products MAX32630 Datasheet HTML 2Page - Maxim Integrated Products MAX32630 Datasheet HTML 3Page - Maxim Integrated Products MAX32630 Datasheet HTML 4Page - Maxim Integrated Products MAX32630 Datasheet HTML 5Page - Maxim Integrated Products MAX32630 Datasheet HTML 6Page - Maxim Integrated Products MAX32630 Datasheet HTML 7Page - Maxim Integrated Products MAX32630 Datasheet HTML 8Page - Maxim Integrated Products MAX32630 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(Limits are 100% tested at TA = +25°C and TA = +85°C. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to -20°C are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD18
1.71
1.8
1.89
V
VDD12
1.14
1.2
1.26
VDDA
1.71
1.8
1.89
VRTC
1.75
1.8
1.89
VDDIO
1.71
1.8
3.6
VDDIOH
VDDIOH must be ≥ VDDIO
1.71
1.8
3.6
Power Fail Reset
Voltage
VRST
Monitors VDD18
1.62
1.7
V
Power-On Reset
Voltage
VPOR
Monitors VDD18
1.5
V
RAM Data Retention
Voltage
VDRV
0.93
V
VDD12 Dynamic
Current, LP3 Mode
IDD12_DLP3
Measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current, PMU disabled
106
μA/MHz
VDD12 Fixed Current,
LP3 Mode
IDD12_FLP3
Measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current, 96MHz oscillator
selected as system clock
173
μA
Measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current, 4MHz oscillator
selected as system clock
72
VDD18 Fixed Current,
LP3 Mode
IDD18_FLP3
Measured on the VDD18 + VDDA device
pins and executing code from cache mem-
ory, all inputs are tied to VSS or VDD18,
outputs do not source/sink any current,
96MHz oscillator selected as system clock
366
μA
Measured on the VDD18 + VDDA device
pins and executing code from cache mem-
ory, all inputs are tied to VSS or VDD18,
outputs do not source/sink any current,
4MHz oscillator selected as system clock
33
VDD12 Dynamic
Current, LP2 Mode
IDD12_DLP2
Measured on the VDD12 pin, ARM in sleep
mode, PMU with two channels active
27
μA/MHz
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX32630/MAX32631
Ultra-Low Power, High-Performance
Cortex-M4F Microcontroller for Wearables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com